Zakładka z wyszukiwarką danych komponentów |
|
AD7175-2 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD7175-2 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 63 page Data Sheet AD7175-2 Rev. A | Page 5 of 63 Product Overview Online Documentation Design Resources Discussion Sample & Buy Parameter Test Conditions/Comments Min Typ Max Unit Voltage Noise Density eN, 1 kHz, 2.5 V reference 215 nV/√Hz Turn-On Settling Time 100 nF REFOUT capacitor 200 µs Short-Circuit Current, ISC 25 mA EXTERNAL REFERENCE INPUTS Differential Input Range VREF = (REF+) − (REF−) 1 2.5 AVDD1 V Absolute Voltage Limits1 Input Buffers Disabled AVSS − 0.05 AVDD1 + 0.05 V Input Buffers Enabled AVSS AVDD1 V REFIN Input Current Input Buffers Disabled Input Current ±72 µA/V Input Current Drift External clock ±1.2 nA/V/°C Internal clock ±6 nA/V/°C Input Buffers Enabled Input Current ±800 nA Input Current Drift 1.25 nA/°C Normal Mode Rejection1 See the Rejection parameter Common-Mode Rejection 95 dB TEMPERATURE SENSOR Accuracy After user calibration at 25°C ±2 °C Sensitivity 477 µV/K BURNOUT CURRENTS Source/Sink Current Analog input buffers must be enabled ±10 µA GENERAL-PURPOSE I/O (GPIO0, GPIO1) With respect to AVSS Input Mode Leakage Current1 −10 +10 µA Floating State Output Capacitance 5 pF Output High Voltage, VOH1 ISOURCE = 200 µA AVSS + 4 V Output Low Voltage, VOL1 ISINK = 800 µA AVSS + 0.4 V Input High Voltage, VIH1 AVSS + 3 V Input Low Voltage, VIL1 AVSS + 0.7 V CLOCK Internal Clock Frequency 16 MHz Accuracy −2.5% +2.5% % Duty Cycle 50 % Output Low Voltage, VOL 0.4 V Output High Voltage, VOH 0.8 × IOVDD V Crystal Frequency 14 16 16.384 MHz Startup Time 10 µs External Clock (CLKIO) 16 16.384 MHz Duty Cycle1 30 50 70 % |
Podobny numer części - AD7175-2 |
|
Podobny opis - AD7175-2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |