Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7175-2 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7175-2
Szczegółowy opis  24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Arkusz danych(HTML) 1 Page - Analog Devices

  AD7175-2 Datasheet HTML 1Page - Analog Devices AD7175-2 Datasheet HTML 2Page - Analog Devices AD7175-2 Datasheet HTML 3Page - Analog Devices AD7175-2 Datasheet HTML 4Page - Analog Devices AD7175-2 Datasheet HTML 5Page - Analog Devices AD7175-2 Datasheet HTML 6Page - Analog Devices AD7175-2 Datasheet HTML 7Page - Analog Devices AD7175-2 Datasheet HTML 8Page - Analog Devices AD7175-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
24-Bit, 250 kSPS, Sigma-Delta ADC with
20 µs Settling and True Rail-to-Rail Buffers
Data Sheet
AD7175-2
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fast and flexible output rate: 5 SPS to 250 kSPS
Channel scan data rate of 50 kSPS/channel (20 µs settling)
Performance specifications
17.2 noise free bits at 250 kSPS
20 noise free bits at 2.5 kSPS
24 noise free bits at 20 SPS
INL: ±1 ppm of FSR
85 dB rejection of 50 Hz and 60 Hz with 50 ms settling
User configurable input channels
2 fully differential channels or 4 single-ended channels
Crosspoint multiplexer
On-chip 2.5 V reference (±2 ppm/°C drift)
True rail-to-rail analog and reference input buffers
Internal or external clock
Power supply: AVDD1 = 5 V, AVDD2 = IOVDD = 2 V to 5 V
Split supply with AVDD1/AVSS at ±2.5 V
ADC current: 8.4 mA
Temperature range: −40°C to +105°C
3- or 4-wire serial digital interface (Schmitt trigger on SCLK)
Serial port interface (SPI), QSPI, MICROWIRE, and DSP
compatible
APPLICATIONS
Process control: PLC/DCS modules
Temperature and pressure measurement
Medical and scientific multichannel instrumentation
Chromatography
GENERAL DESCRIPTION
The AD7175-2 is a low noise, fast settling, multiplexed, 2-/4-
channel (fully/pseudo differential) Σ-Δ analog-to-digital
converter (ADC) for low bandwidth inputs. It has a maximum
channel scan rate of 50 kSPS (20 µs) for fully settled data. The
output data rates range from 5 SPS to 250 kSPS.
The AD7175-2 integrates key analog and digital signal condition-
ing blocks to allow users to configure an individual setup for
each analog input channel in use. Each feature can be user selected
on a per channel basis. Integrated true rail-to-rail buffers on the
analog inputs and external reference inputs provide easy to drive
high impedance inputs. The precision 2.5 V low drift (2 ppm/°C)
band gap internal reference (with output reference buffer) adds
embedded functionality to reduce external component count.
The digital filter allows simultaneous 50 Hz/60 Hz rejection at
27.27 SPS output data rate. The user can switch between
different filter options according to the demands of each
channel in the application. The ADC automatically switches
through each selected channel. Further digital processing
functions include offset and gain calibration registers,
configurable on a per channel basis.
The device operates with a 5 V AVDD1, or ±2.5 V AVDD1/AVSS,
and 2 V to 5 V AVDD2 and IOVDD supplies. The specified
operating temperature range is −40°C to +105°C. The AD7175-2 is
in a 24-lead TSSOP package.
Note that, throughout this data sheet, the dual function pin
names are referenced by the relevant function only.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
AVSS
GPIO0 GPIO1
XTAL1 XTAL2/CLKIO
DGND
REF– REF+ REFOUT
AIN0
AIN1
AIN2
AIN3
AIN4
Σ-Δ ADC
1.8V
LDO
INT
REF
AVDD1
AVDD2 REGCAPA
1.8V
LDO
IOVDD REGCAPD
GPIO AND
MUX
I/O CONTROL
SERIAL
INTERFACE
AND CONTROL
TEMPERATURE
SENSOR
DIGITAL
FILTER
AD7175-2
BUFFERED
PRECISION
REFERENCE
XTAL AND INTERNAL
CLOCK OSCILLATOR
CIRCUITRY
CS
SCLK
DIN
DOUT/RDY
SYNC/ERROR
CROSSPOINT
MULTIPLEXER
AVDD
AVSS
RAIL-TO-RAIL
ANALOG INPUT
BUFFERS
RAIL-TO-RAIL
REFERENCE
INPUT BUFFERS


Podobny numer części - AD7175-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2BRUZ-RL AD-AD7175-2BRUZ-RL Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2BRUZ-RL7 AD-AD7175-2BRUZ-RL7 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
More results

Podobny opis - AD7175-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
UG-478 AD-UG-478 Datasheet
3Mb / 40P
   Evaluation Board for the AD7176-2??4-Bit, 250 kSPS Sigma-Delta ADC with 20 關s Settling
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com