Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7175-2BRUZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7175-2BRUZ
Szczegółowy opis  24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7175-2BRUZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7175-2BRUZ Datasheet HTML 2Page - Analog Devices AD7175-2BRUZ Datasheet HTML 3Page - Analog Devices AD7175-2BRUZ Datasheet HTML 4Page - Analog Devices AD7175-2BRUZ Datasheet HTML 5Page - Analog Devices AD7175-2BRUZ Datasheet HTML 6Page - Analog Devices AD7175-2BRUZ Datasheet HTML 7Page - Analog Devices AD7175-2BRUZ Datasheet HTML 8Page - Analog Devices AD7175-2BRUZ Datasheet HTML 9Page - Analog Devices AD7175-2BRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
AD7175-2
Data Sheet
Rev. A | Page 6 of 63
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS
Input High Voltage, VINH1
2 V ≤ IOVDD < 2.3 V
0.65 × IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7 × IOVDD
V
Input Low Voltage, VINL1
2 V ≤ IOVDD < 2.3 V
0.35 × IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7
V
Hysteresis1
IOVDD ≥ 2.7 V
0.08
0.25
V
IOVDD < 2.7 V
0.04
0.2
V
Leakage Currents
−10
+10
µA
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH1
IOVDD ≥ 4.5 V, ISOURCE = 1 mA
0.8 × IOVDD
V
2.7 V ≤ IOVDD < 4.5 V, ISOURCE = 500 µA
0.8 × IOVDD
V
IOVDD < 2.7 V, ISOURCE = 200 µA
0.8 × IOVDD
V
Output Low Voltage, VOL1
IOVDD ≥ 4.5 V, ISINK = 2 mA
0.4
V
2.7 V ≤ IOVDD < 4.5 V, ISINK = 1 mA
0.4
V
IOVDD < 2.7 V, ISINK = 400 µA
0.4
V
Leakage Current
Floating state
−10
+10
µA
Output Capacitance
Floating state
10
pF
SYSTEM CALIBRATION1
Full-Scale (FS) Calibration Limit
1.05 × FS
V
Zero-Scale Calibration Limit
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
POWER REQUIREMENTS
Power Supply Voltage
AVDD1 to AVSS
4.5
5.5
V
AVDD2 to AVSS
2
5.5
V
AVSS to DGND
−2.75
0
V
IOVDD to DGND
2
5.5
V
IOVDD to AVSS
For AVSS < DGND
6.35
V
POWER SUPPLY CURRENTS4
All outputs unloaded, digital inputs
connected to IOVDD or DGND
Full Operating Mode
AVDD1 Current
Analog input and reference input
buffers disabled, external reference
1.4
1.65
mA
Analog input and reference input
buffers disabled, internal reference
1.75
2
mA
Analog input and reference input
buffers enabled, external reference
13
16
mA
Each buffer: AIN+, AIN−, REF+, REF−
2.9
mA
AVDD2 Current
External reference
4.5
5
mA
Internal reference
4.75
5.2
mA
IOVDD Current
External clock
2.5
2.8
mA
Internal clock
2.75
3.1
mA
External crystal
3
mA
Standby Mode (LDO On)
Internal reference off, total current
consumption
25
µA
Internal reference on, total current
consumption
425
µA
Power-Down Mode
Full power-down (including LDO and
internal reference)
5
10
µA


Podobny numer części - AD7175-2BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2BRUZ-RL AD-AD7175-2BRUZ-RL Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2BRUZ-RL7 AD-AD7175-2BRUZ-RL7 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
More results

Podobny opis - AD7175-2BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
UG-478 AD-UG-478 Datasheet
3Mb / 40P
   Evaluation Board for the AD7176-2??4-Bit, 250 kSPS Sigma-Delta ADC with 20 關s Settling
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com