Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7175-2BRUZ-RL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7175-2BRUZ-RL7
Szczegółowy opis  24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7175-2BRUZ-RL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7175-2BRUZ-RL7 Datasheet HTML 1Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
Data Sheet
AD7175-2
Rev. A | Page 5 of 63
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Voltage Noise Density
eN, 1 kHz, 2.5 V reference
215
nV/√Hz
Turn-On Settling Time
100 nF REFOUT capacitor
200
µs
Short-Circuit Current, ISC
25
mA
EXTERNAL REFERENCE INPUTS
Differential Input Range
VREF = (REF+) − (REF−)
1
2.5
AVDD1
V
Absolute Voltage Limits1
Input Buffers Disabled
AVSS − 0.05
AVDD1 + 0.05
V
Input Buffers Enabled
AVSS
AVDD1
V
REFIN Input Current
Input Buffers Disabled
Input Current
±72
µA/V
Input Current Drift
External clock
±1.2
nA/V/°C
Internal clock
±6
nA/V/°C
Input Buffers Enabled
Input Current
±800
nA
Input Current Drift
1.25
nA/°C
Normal Mode Rejection1
See the Rejection parameter
Common-Mode Rejection
95
dB
TEMPERATURE SENSOR
Accuracy
After user calibration at 25°C
±2
°C
Sensitivity
477
µV/K
BURNOUT CURRENTS
Source/Sink Current
Analog input buffers must be enabled
±10
µA
GENERAL-PURPOSE I/O
(GPIO0, GPIO1)
With respect to AVSS
Input Mode Leakage Current1
−10
+10
µA
Floating State Output
Capacitance
5
pF
Output High Voltage, VOH1
ISOURCE = 200 µA
AVSS + 4
V
Output Low Voltage, VOL1
ISINK = 800 µA
AVSS + 0.4
V
Input High Voltage, VIH1
AVSS + 3
V
Input Low Voltage, VIL1
AVSS + 0.7
V
CLOCK
Internal Clock
Frequency
16
MHz
Accuracy
−2.5%
+2.5%
%
Duty Cycle
50
%
Output Low Voltage, VOL
0.4
V
Output High Voltage, VOH
0.8 × IOVDD
V
Crystal
Frequency
14
16
16.384
MHz
Startup Time
10
µs
External Clock (CLKIO)
16
16.384
MHz
Duty Cycle1
30
50
70
%


Podobny numer części - AD7175-2BRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2BRUZ-RL7 AD-AD7175-2BRUZ-RL7 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
More results

Podobny opis - AD7175-2BRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
UG-478 AD-UG-478 Datasheet
3Mb / 40P
   Evaluation Board for the AD7176-2??4-Bit, 250 kSPS Sigma-Delta ADC with 20 關s Settling
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com