Zakładka z wyszukiwarką danych komponentów |
|
AD7175-8 Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD7175-8 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 64 page AD7175-8 Data Sheet Rev. 0 | Page 8 of 64 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating AVDD1, AVDD2 to AVSS −0.3 V to +6.5 V AVDD1 to DGND −0.3 V to +6.5 V IOVDD to DGND −0.3 V to +6.5 V IOVDD to AVSS −0.3 V to +7.5 V AVSS to DGND −3.25 V to +0.3 V Analog Input Voltage to AVSS −0.3 V to AVDD1 + 0.3 V Reference Input Voltage to AVSS −0.3 V to AVDD1 + 0.3 V Digital Input Voltage to DGND −0.3 V to IOVDD + 0.3 V Digital Output Voltage to DGND −0.3 V to IOVDD + 0.3 V Analog Input/Digital Input Current 10 mA Operating Temperature Range −40°C to +105°C Storage Temperature Range −65°C to +150°C Maximum Junction Temperature 150°C Lead Soldering, Reflow Temperature 260°C ESD Rating (Human Body Model) 4 kV Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product. This is a stress rating only; functional operation of the product at these or any other conditions above those indicated in the operational section of this specification is not implied. Operation beyond the maximum operating conditions for extended periods may affect product reliability. THERMAL RESISTANCE θJA is specified for a device soldered on a JEDEC test board for surface-mount packages. Table 4. Thermal Resistance Package Type θ JA Unit 40-Lead, 6 mm × 6 mm LFCSP 1-Layer JEDEC Board 114 °C/W 4-Layer JEDEC Board 54 °C/W 4-Layer JEDEC Board with 16 Thermal Vias 34 °C/W ESD CAUTION |
Podobny numer części - AD7175-8 |
|
Podobny opis - AD7175-8 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |