Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7175-8 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7175-8
Szczegółowy opis  24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7175-8 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7175-8 Datasheet HTML 6Page - Analog Devices AD7175-8 Datasheet HTML 7Page - Analog Devices AD7175-8 Datasheet HTML 8Page - Analog Devices AD7175-8 Datasheet HTML 9Page - Analog Devices AD7175-8 Datasheet HTML 10Page - Analog Devices AD7175-8 Datasheet HTML 11Page - Analog Devices AD7175-8 Datasheet HTML 12Page - Analog Devices AD7175-8 Datasheet HTML 13Page - Analog Devices AD7175-8 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
AD7175-8
Data Sheet
Rev. 0 | Page 10 of 64
Pin No.
Mnemonic
Type2
Description
15
DIN
DI
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the
control registers in the ADC, with the register address (RA) bits of the communications register
identifying the appropriate register. Data is clocked in on the rising edge of SCLK.
16
SCLK
DI
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. SCLK has a Schmitt
triggered input, making the interface suitable for opto-isolated applications.
17
CS
DI
Chip Select Input. This pin is an active low logic input used to select the ADC. Use CS to select the ADC in
systems with more than one device on the serial bus. CS can be hardwired low, allowing the ADC to operate
in 3-wire mode with SCLK, DIN, and DOUT/RDY used to interface with the device. When CS is high, the
DOUT/RDY output is tristated.
18
ERROR
DI/O
Error input/output or General-Purpose Output. This pin can be used in one of the following three modes:
Active low error input mode. This mode sets the ADC_ERROR bit in the STATUS register.
Active low, open-drain error output mode. The status register error bits are mapped to the ERROR pin.
The ERROR pins of multiple devices can be wired together to a common pull-up resistor so that an error
on any device can be observed.
General-purpose output mode. The status of the pin is controlled by the ERR_DAT bit in the GPIOCON register.
The pin is referenced between IOVDD and DGND, as opposed to the AVDD1 and AVSS levels used by the
GPIO1 and GPIO2 pins. The ERROR pin has an active pull-up circuit in this case.
19
SYNC
DI
Synchronization Input. Allows synchronization of the digital filters and analog modulators when using
multiple AD7175-8 devices.
20
IOVDD
P
Digital I/O Supply Voltage. The IOVDD voltage ranges from 2 V to 5 V (nominal). IOVDD is independent of
AVDD1 and AVDD2. For example, IOVDD can be operated at 3.3 V when AVDD1 or AVDD2 equals 5 V, or
vice versa. If AVSS is set to −2.5 V, the voltage on IOVDD must not exceed 3.6 V.
21
DGND
P
Digital Ground.
22
REGCAPD
AO
Digital LDO Regulator Output. This pin is for decoupling purposes only. Decouple this pin to DGND
using a 1 µF capacitor.
23
GPIO0
DI/O
General-Purpose Input/Output 0. Logic input/output on this this pin is referred to the AVDD1 and AVSS
supplies.
24
GPIO1
DI/O
General-Purpose Input/Output 2. Logic input/output on this this pin is referred to the AVDD1 and AVSS
supplies.
25
GPO2
DO
General-Purpose Output 2. Logic output on this this pin is referred to the AVDD1 and AVSS supplies.
26
AIN4
AI
Analog Input 4. This pin is selectable through the crosspoint multiplexer.
27
AIN5
AI
Analog Input 5. This pin is selectable through the crosspoint multiplexer.
28
AIN6
AI
Analog Input 6. This pin is selectable through the crosspoint multiplexer.
29
AIN7
AI
Analog Input 7. This pin is selectable through the crosspoint multiplexer.
30
AIN8
AI
Analog Input 8. This pin is selectable through the crosspoint multiplexer.
31
AIN9
AI
Analog Input 9. This pin is selectable through the crosspoint multiplexer.
32
AIN10
AI
Analog Input 10. This pin is selectable through the crosspoint multiplexer.
33
AIN11
AI
Analog Input 11. This pin is selectable through the crosspoint multiplexer.
34
AIN12
AI
Analog Input 12. This pin is selectable through the crosspoint multiplexer.
35
AIN13
AI
Analog Input 13. This pin is selectable through the crosspoint multiplexer.
36
AIN14
AI
Analog Input 14. This pin is selectable through the crosspoint multiplexer.
37
AIN15
AI
Analog Input 15. This pin is selectable through the crosspoint multiplexer.
38
GPO3
DO
General-Purpose Output 3. Logic output on this this pin is referred to the AVDD1 and AVSS supplies.
39
REF−
AI
Reference 1 Input Negative Terminal. REF− can span from AVSS to AVDD1 − 1 V. Reference 1 can be
selected through the REF_SELx bits in the setup configuration registers.
40
REF+
AI
Reference 1 Input Positive Terminal. An external reference can be applied between REF+ and REF−. REF+
can span from AVDD1 to AVSS + 1 V. Reference 1 can be selected through the REF_SELx bits in the setup
configuration registers.
EP
P
Exposed Pad. Solder the exposed pad to a similar pad on the PCB under the exposed pad to confer
mechanical strength to the package and for heat dissipation. The exposed pad must be connected to AVSS
through this pad on the PCB.
1 Note that, throughout this data sheet, the dual function pin names are referenced by the relevant function only.
2 AI = analog input, AO = analog output, P = power supply, DI = digital input, DO = digital output, and DI/O = bidirectional digital input/output.


Podobny numer części - AD7175-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
More results

Podobny opis - AD7175-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
logo
Texas Instruments
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com