Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7175-8 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7175-8
Szczegółowy opis  24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7175-8 Arkusz danych(HTML) 3 Page - Analog Devices

  AD7175-8 Datasheet HTML 1Page - Analog Devices AD7175-8 Datasheet HTML 2Page - Analog Devices AD7175-8 Datasheet HTML 3Page - Analog Devices AD7175-8 Datasheet HTML 4Page - Analog Devices AD7175-8 Datasheet HTML 5Page - Analog Devices AD7175-8 Datasheet HTML 6Page - Analog Devices AD7175-8 Datasheet HTML 7Page - Analog Devices AD7175-8 Datasheet HTML 8Page - Analog Devices AD7175-8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Data Sheet
AD7175-8
Rev. 0 | Page 3 of 64
SPECIFICATIONS
AVDD1 = 4.5 V to 5.5 V, AVDD2 = 2 V to 5.5 V, IOVDD = 2 V to 5.5 V, AVSS = DGND = 0 V, REF+ = 2.5 V, REF− = AVSS,
internal master clock (MCLK) = 16 MHz, TA = TMIN to TMAX (−40°C to +105°C), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC SPEED AND PERFORMANCE
Output Data Rate (ODR)
5
250,000
SPS
No Missing Codes1
Excluding sinc3 filter ≥ 125 kSPS
24
Bits
Resolution
See Table 19 to Table 23
Noise
See Table 19 to Table 23
ACCURACY
Integral Nonlinearity (INL)
All input buffers enabled
±4.5
10
ppm of FSR
All input buffers disabled
±1
±4.5
ppm of FSR
Offset Error2
Internal short
±60
µV
Offset Drift
Internal short
±150
nV/°C
Gain Error2
±80
±110
ppm of FSR
Gain Drift1
±0.5
±0.75
ppm/°C
REJECTION
Power Supply Rejection
AVDD1, AVDD2, for V
IN = 1 V
90
dB
Common-Mode Rejection
V
IN = 0.1 V
At DC
95
dB
At 50 Hz, 60 Hz1
20 Hz output data rate (post filter), 50 Hz ±
1 Hz and 60 Hz ± 1 Hz
120
dB
Normal Mode Rejection1
50 Hz ± 1 Hz and 60 Hz ± 1 Hz
Internal clock, 20 SPS ODR (postfilter)
71
90
dB
External clock, 20 SPS ODR (postfilter)
85
90
dB
ANALOG INPUTS
Differential Input Range
V
REF = (REF+) − (REF−)
±V
REF
V
Absolute Voltage Limits1
Input Buffers Disabled
AVSS − 0.05
AVDD1 + 0.05
V
Input Buffers Enabled
AVSS
AVDD1
V
Analog Input Current
Input Buffers Disabled
Input Current
±48
µA/V
Input Current Drift
External clock
±0.75
nA/V/°C
Internal clock
±4
nA/V/°C
Input Buffers Enabled
Input Current
±30
nA
Input Current Drift
AVDD1 − 0.2 V to AVSS + 0.2 V
±75
pA/°C
AVDD1 to AVSS
±1
nA/°C
Crosstalk
1 kHz input
−120
dB
INTERNAL REFERENCE
100 nF external capacitor to AVSS
Output Voltage
REFOUT, with respect to AVSS
2.5
V
Initial Accuracy3
REFOUT, T
A = 25°C
−0.12
+0.12
% of V
Temperature Coefficient1
0°C to 105°C
±2
±5
ppm/°C
−40°C to +105°C
±3
±10
ppm/°C
Reference Load Current, I
LOAD
−10
+10
mA
Power Supply Rejection
AVDD1, AVDD2 (line regulation)
95
dB
Load Regulation
∆V
OUT/∆ILOAD
32
ppm/mA
Voltage Noise
e
N, 0.1 Hz to 10 Hz, 2.5 V reference
4.5
µV rms
Voltage Noise Density
e
N, 1 kHz, 2.5 V reference
215
nV/√Hz


Podobny numer części - AD7175-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
More results

Podobny opis - AD7175-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
logo
Texas Instruments
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com