Zakładka z wyszukiwarką danych komponentów |
|
AD7175-8BCPZ Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD7175-8BCPZ Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 64 page Data Sheet AD7175-8 Rev. 0 | Page 5 of 64 Parameter Test Conditions/Comments Min Typ Max Unit LOGIC INPUTS Input High Voltage, V INH 1 2 V ≤ IOVDD < 2.3 V 0.65 × IOVDD V 2.3 V ≤ IOVDD ≤ 5.5 V 0.7 × IOVDD V Input Low Voltage, V INL 1 2 V ≤ IOVDD < 2.3 V 0.35 × IOVDD V 2.3 V ≤ IOVDD ≤ 5.5 V 0.7 V Hysteresis1 IOVDD ≥ 2.7 V 0.08 0.25 V IOVDD < 2.7 V 0.04 0.2 V Leakage Current −10 +10 µA LOGIC OUTPUT (DOUT/RDY) Output High Voltage, V OH 1 IOVDD ≥ 4.5 V, I SOURCE = 1 mA 0.8 × IOVDD V 2.7 V ≤ IOVDD < 4.5 V, I SOURCE = 500 µA 0.8 × IOVDD V IOVDD < 2.7 V, I SOURCE = 200 µA 0.8 × IOVDD V Output Low Voltage, V OL 1 IOVDD ≥ 4.5 V, I SINK = 2 mA 0.4 V 2.7 V ≤ IOVDD < 4.5 V, I SINK = 1 mA 0.4 V IOVDD < 2.7 V, I SINK = 400 µA 0.4 V Leakage Current Floating state −10 +10 µA Output Capacitance Floating state 10 pF SYSTEM CALIBRATION1 Full-Scale (FS) Calibration Limit 1.05 × FS V Zero-Scale Calibration Limit −1.05 × FS V Input Span 0.8 × FS 2.1 × FS V POWER REQUIREMENTS Power Supply Voltage AVDD1 to AVSS 4.5 5 5.5 V AVDD2 to AVSS4 2 2.5 to 5 5.5 V AVSS to DGND −2.75 0 V IOVDD to DGND4 2 2.5 to 5 5.5 V IOVDD to AVSS For AVSS < DGND 6.35 V POWER SUPPLY CURRENTS5 All outputs unloaded, digital inputs connected to IOVDD or DGND Full Operating Mode AVDD1 Current Analog input and reference input buffers (AIN±, REF±) disabled, external reference 1.4 1.65 mA Analog input and reference input buffers disabled, internal reference 1.75 2 mA Analog input and reference input buffers enabled, external reference 13 16 mA Each buffer: AIN+, AIN−, REF+, REF− 2.9 mA AVDD2 Current External reference 4.5 5 mA Internal reference 4.75 5.2 mA IOVDD Current External clock 2.5 2.8 mA Internal clock 2.75 3.1 mA External crystal 3 mA Standby Mode (LDO On) Internal reference off, total current consumption 30 µA Internal reference on, total current consumption 425 µA Power-Down Mode Full power-down (including LDO and internal reference) 5 10 µA |
Podobny numer części - AD7175-8BCPZ |
|
Podobny opis - AD7175-8BCPZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |