Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7175-8BCPZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7175-8BCPZ
Szczegółowy opis  24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7175-8BCPZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7175-8BCPZ Datasheet HTML 7Page - Analog Devices AD7175-8BCPZ Datasheet HTML 8Page - Analog Devices AD7175-8BCPZ Datasheet HTML 9Page - Analog Devices AD7175-8BCPZ Datasheet HTML 10Page - Analog Devices AD7175-8BCPZ Datasheet HTML 11Page - Analog Devices AD7175-8BCPZ Datasheet HTML 12Page - Analog Devices AD7175-8BCPZ Datasheet HTML 13Page - Analog Devices AD7175-8BCPZ Datasheet HTML 14Page - Analog Devices AD7175-8BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Data Sheet
AD7175-8
Rev. 0 | Page 11 of 64
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 5 V, AVDD2 = 5 V, IOVDD = 3.3 V, TA = 25°C, unless otherwise noted.
Figure 5. Noise (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 5 SPS)
Figure 6. Noise (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 10 kSPS)
Figure 7. Noise (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 250 kSPS)
Figure 8. Histogram (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 5 SPS)
Figure 9. Histogram (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 10 kSPS)
Figure 10. Histogram (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 250 kSPS)
0
1000
900
800
700
600
500
400
300
200
100
SAMPLE NUMBER
8386000
8386500
8387000
8387500
8388000
8388500
8389000
8389500
8390000
0
1000
900
800
700
600
500
400
300
200
100
SAMPLE NUMBER
8388445
8388450
8388455
8388460
8388465
8388470
8388475
8388480
0
1000
900
800
700
600
500
400
300
200
100
SAMPLE NUMBER
8388400
8388420
8388440
8388460
8388480
8388500
8388520
ADC CODE
0
1000
900
800
700
600
500
400
300
200
100
8388460 8388461 8388462 8388463 8388464 8388465 8388466
ADC CODE
0
120
100
80
60
40
20
ADC CODE
0
45
40
35
30
25
20
15
10
5


Podobny numer części - AD7175-8BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
More results

Podobny opis - AD7175-8BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
logo
Texas Instruments
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com