Zakładka z wyszukiwarką danych komponentów |
|
AD7175-8BCPZ-RL Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD7175-8BCPZ-RL Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 64 page AD7175-8 Data Sheet Rev. 0 | Page 6 of 64 Parameter Test Conditions/Comments Min Typ Max Unit POWER DISSIPATION5 Full Operating Mode All buffers disabled, external clock and reference, AVDD2 = 2 V, IOVDD = 2 V 21 mW All buffers disabled, external clock and reference, all supplies = 5 V 42 mW All buffers disabled, external clock and reference, all supplies = 5.5 V 52 mW All buffers enabled, internal clock and reference, AVDD2 = 2 V, IOVDD = 2 V 82 mW All buffers enabled, internal clock and reference, all supplies = 5 V 105 mW All buffers enabled, internal clock and reference, all supplies = 5.5 V 136 mW Standby Mode Internal reference off, all supplies = 5 V 150 µW Internal reference on, all supplies = 5 V 2.2 mW Power-Down Mode Full power-down, all supplies = 5 V 25 50 µW 1 This specification is not production tested but is supported by characterization data at the initial product release. 2 Following a system or internal zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected. A system full-scale calibration reduces the gain error to the order of the noise for the programmed output data rate. 3 This specification includes moisture sensitivity level (MSL) preconditioning effects. 4 The nominal range is 2 V to 5 V. 5 This specification is with no load on the REFOUT and digital output pins. TIMING CHARACTERISTICS IOVDD = 2 V to 5.5 V, DGND = 0 V, Input Logic 0 = 0 V, Input Logic 1 = IOVDD, CLOAD = 20 pF, unless otherwise noted. Table 2. Parameter Limit at TMIN, TMAX Unit Description1, 2 SCLK t 3 25 ns min SCLK high pulse width t 4 25 ns min SCLK low pulse width READ OPERATION t 1 0 ns min CS falling edge to DOUT/RDY active time 15 ns max IOVDD = 4.75 V to 5.5 V 40 ns max IOVDD = 2 V to 3.6 V t 2 3 0 ns min SCLK active edge to data valid delay4 12.5 ns max IOVDD = 4.75 V to 5.5 V 25 ns max IOVDD = 2 V to 3.6 V t 5 5 2.5 ns min Bus relinquish time after CS inactive edge 20 ns max t 6 0 ns min SCLK inactive edge to CS inactive edge t 7 10 ns min SCLK inactive edge to DOUT/RDY high/low WRITE OPERATION t 8 0 ns min CS falling edge to SCLK active edge setup time4 t 9 8 ns min Data valid to SCLK edge setup time t 10 8 ns min Data valid to SCLK edge hold time t 11 5 ns min CS rising edge to SCLK edge hold time 1 Sample tested during initial release to ensure compliance. 2 See Figure 2 and Figure 3. 3 This parameter is defined as the time required for the output to cross the V OL or VOH limits. 4 The SCLK active edge is the falling edge of SCLK. 5 DOUT/RDY returns high after a read of the data register. In single conversion mode and continuous conversion mode, the same data can be read again, if required, while DOUT/RDY is high, although care must be taken to ensure that subsequent reads do not occur close to the next output update. If the continuous read feature is enabled, the digital word can be read only once. |
Podobny numer części - AD7175-8BCPZ-RL |
|
Podobny opis - AD7175-8BCPZ-RL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |