Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7175-8BCPZ-RL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7175-8BCPZ-RL7
Szczegółowy opis  24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7175-8BCPZ-RL7 Arkusz danych(HTML) 1 Page - Analog Devices

  AD7175-8BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7175-8BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7175-8BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7175-8BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7175-8BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7175-8BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7175-8BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7175-8BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7175-8BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
24-Bit, 8-/16-Channel, 250 kSPS, Sigma-
Delta ADC with True Rail-to-Rail Buffers
Data Sheet
AD7175-8
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fast and flexible output rate: 5 SPS to 250 kSPS
Channel scan data rate of 50 kSPS/channel (20 µs settling)
Performance specifications
17.2 noise free bits at 250 kSPS
20.2 noise free bits at 2.5 kSPS
24 noise free bits at 20 SPS
INL: ±1 ppm of FSR
85 dB filter rejection of 50 Hz and 60 Hz with 50 ms settling
User configurable input channels
8 fully differential channels or 16 single-ended channels
Crosspoint multiplexer
On-chip 2.5 V reference (±2 ppm/°C drift)
True rail-to-rail analog and reference input buffers
Internal or external clock
Power supply: AVDD1 − AVSS = 5 V, AVDD2 = IOVDD = 2 V to
5 V (nominal)
Split supply with AVDD1/AVSS at ±2.5 V
ADC current: 8.4 mA
Temperature range: −40°C to +105°C
3- or 4-wire serial digital interface (Schmitt trigger on SCLK)
Serial port interface (SPI), QSPI, MICROWIRE, and DSP
compatible
APPLICATIONS
Process control: PLC/DCS modules
Temperature and pressure measurement
Medical and scientific multichannel instrumentation
Chromatography
GENERAL DESCRIPTION
The AD7175-8 is a low noise, fast settling, multiplexed, 8-/16-
channel (fully/pseudo differential) Σ-Δ analog-to-digital
converter (ADC) for low bandwidth inputs. It has a maximum
channel scan rate of 50 kSPS (20 µs) for fully settled data. The
output data rates range from 5 SPS to 250 kSPS.
The AD7175-8 integrates key analog and digital signal condition-
ing blocks to allow users to configure an individual setup for
each analog input channel in use. Each feature can be user selected
on a per channel basis. Integrated true rail-to-rail buffers on the
analog inputs and external reference inputs provide easy to drive
high impedance inputs. The precision 2.5 V low drift (2 ppm/°C)
band gap internal reference (with output reference buffer) adds
embedded functionality to reduce external component count.
The digital filter allows simultaneous 50 Hz and 60 Hz rejection
at a 27.27 SPS output data rate. The user can switch between
different filter options according to the demands of each channel
in the application. The ADC automatically switches through
each selected channel. Further digital processing functions
include offset and gain calibration registers, configurable on a
per channel basis.
The device operates with a 5 V AVDD1 − AVSS supply, or with
±2.5 V AVDD1/AVSS, and 2 V to 5 V AVDD2 and IOVDD
nominal supplies. The specified operating temperature range is
−40°C to +105°C. The AD7175-8 is available in a 40-lead LFCSP
package.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
AVDD1
AVDD
ANALOG
INPUT
BUFFERS
REFERENCE
INPUT
BUFFERS
AVSS
AVSS
PDSW
DGND
REF– REF+ REFOUT
AVDD2 REGCAPA
AIN0/REF2–
AIN1/REF2+
AIN15
AIN16
Σ-Δ ADC
1.8V
LDO
CROSSPOINT
MULTIPLEXER
1.8V
LDO
INT
REF
TEMPERATURE
SENSOR
IOVDD REGCAPD
SERIAL
INTERFACE
AND CONTROL
DIGITAL
FILTER
AD7175-8
BUFFERED
PRECISION
REFERENCE
SCLK
DIN
CS
DOUT/RDY
SYNC
ERROR
XTAL1 XTAL2/CLKIO
XTAL AND INTERNAL
CLOCK OSCILLATOR
CIRCUITRY
GPIO0 GPIO1 GPO2 GPO3
I/O AND EXTERNAL
MUX CONTROL


Podobny numer części - AD7175-8BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
More results

Podobny opis - AD7175-8BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
logo
Texas Instruments
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com