Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB015P10F3 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części MTB015P10F3
Szczegółowy opis  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB015P10F3 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  MTB015P10F3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB015P10F3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB015P10F3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB015P10F3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB015P10F3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB015P10F3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB015P10F3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB015P10F3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB015P10F3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C159F3
Issued Date : 2015.11.27
Revised Date :
Page No. : 1/9
MTB015P10F3
CYStek Product Specification
P-Channel Enhancement Mode Power MOSFET
MTB015P10F3
Features
• Simple Drive Requirement
• Repetitive Avalanche Rated
• Fast Switching Characteristic
• RoHS compliant package
Symbol
Outline
Ordering Information
Device
Package
Shipping
MTB015P10F3-0-T7-X
TO-263
(Pb-free lead plating and RoHS compliant package)
800 pcs / Tape & Reel
MTB015P10F3
TO-263
G:Gate
D:Drain
S:Source
BVDSS
-100V
ID @ VGS=-10V, TC=25
°C
-107A
-8.6A
ID @ VGS=-10V, TA=25
°C
RDSON(TYP) @ VGS=-10V, ID=-20A
11.6mΩ
RDSON(TYP) @ VGS=-4.5V, ID=-15A
13.7mΩ
G
D S
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant
and green compound products
Packing spec, T7 : 800 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Podobny numer części - MTB015P10F3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB015N10QH8 CYSTEKEC-MTB015N10QH8 Datasheet
468Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB015N10QQ8 CYSTEKEC-MTB015N10QQ8 Datasheet
511Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB015N10RI3 CYSTEKEC-MTB015N10RI3 Datasheet
356Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB015N10RQ8 CYSTEKEC-MTB015N10RQ8 Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB015N10RQ8-0-T3-G CYSTEKEC-MTB015N10RQ8-0-T3-G Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB015P10F3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com