Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GZF43C Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części GZF43C
Szczegółowy opis  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GZF43C Arkusz danych(HTML) 1 Page - Vishay Siliconix

  GZF43C Datasheet HTML 1Page - Vishay Siliconix GZF43C Datasheet HTML 2Page - Vishay Siliconix GZF43C Datasheet HTML 3Page - Vishay Siliconix GZF43C Datasheet HTML 4Page - Vishay Siliconix GZF43C Datasheet HTML 5Page - Vishay Siliconix GZF43C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
GZF3V6C to GZF91C
Document Number 85769
Rev. 1.7, 28-Jan-04
Vishay Semiconductors
www.vishay.com
1
17249
Zener Diodes
Features
• Silicon Planar Power Zener Diodes.
• Low profile surface-mount package.
• Low leakage current
• High temperature soldering:
260 °C/10 sec. at terminals
Mechanical Data
Case: JEDEC DO-219AB (SMF®) Plastic Case
Packaging codes/options:
GS18 - 10 K per 13 " reel, (8 mm tape), 50 K/box
GS08 - 3 K per 7 " reel, (8 mm tape), 30 K/box
Weight: approx. 0.01 g
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Mounted on epoxy glass PCB with 3 x 3 mm, Cu pads (
≥ 40 µm thick)
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Mounted on epoxy glass PCB with 3 x 3 mm, Cu pads (
≥ 40 µm thick)
Parameter
Test condition
Symbol
Value
Unit
Zener current (see Table
"Characteristics")
see
page 2
Power dissipation
TA = 25 °C
Ptot
8001)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air1)
RθJA
180
K/W
Maximum junction temperature
Tj
150
°C
Storage temperature range
TSTG
- 55 to + 150
°C


Podobny numer części - GZF43C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
GZF43C BILIN-GZF43C Datasheet
134Kb / 3P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
GZF43C LUGUANG-GZF43C Datasheet
187Kb / 3P
   Zener Diodes
logo
Galaxy Semi-Conductor H...
GZF43C BILIN-GZF43C Datasheet
247Kb / 5P
   ZENER DIODES
More results

Podobny opis - GZF43C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com