Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YSESD3Z3.3BT1G Arkusz danych(PDF) 1 Page - Yea Shin Technology Co., Ltd

Numer części YSESD3Z3.3BT1G
Szczegółowy opis  BIDIRECTIONAL TVS DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSESD3Z3.3BT1G Arkusz danych(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSESD3Z3.3BT1G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSESD3Z3.3BT1G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSESD3Z3.3BT1G Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20140705
YSESD3ZxxBT1G Series
BIDIRECTIONAL TVS DIODES
APPLICATIONS
◆ Cell Phone Handsets and Accessories
◆ Microprocessor based equipment
◆ Personal Digital Assistants (PDA’s)
◆ Notebooks, Desktops, and Servers
◆ Portable Instrumentation
◆ Peripherals
◆ Pagers
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
◆ IEC61000-4-5 (Lightning) 24A (8/20µs)
SOD-323
◆ IEC61000-4-5 (Lightning) 24A (8/20µs)
FEATURES
◆ 350 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects one I/O or power line
◆ Low clamping voltage
◆ Working voltages: 3.3V ~ 36V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ SOD-323 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 5 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
PIN CONFIGURATION
H


Podobny numer części - YSESD3Z3.3BT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yea Shin Technology Co....
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
More results

Podobny opis - YSESD3Z3.3BT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yea Shin Technology Co....
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z12BT1G YEASHIN-YSESD3Z12BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z36BT1G YEASHIN-YSESD3Z36BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
SHIKUES Electronics
SD03C SKTECHNOLGY-SD03C Datasheet
709Kb / 3P
   Bidirectional TVS Diodes
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
   Bidirectional TVS Diodes
logo
Yea Shin Technology Co....
YSESD3Z05BT1G YEASHIN-YSESD3Z05BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z24BT1G YEASHIN-YSESD3Z24BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com