Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YSESD3Z24T1G Arkusz danych(PDF) 1 Page - Yea Shin Technology Co., Ltd

Numer części YSESD3Z24T1G
Szczegółowy opis  UNIDIRECTIONAL TVS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSESD3Z24T1G Arkusz danych(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSESD3Z24T1G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSESD3Z24T1G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSESD3Z24T1G Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.04 20140318
YSESD3ZxxT1G Series
H
APPLICATIONS
◆ Cell Phone Handsets and Accessories
◆ Microprocessor based equipment
◆ Personal Digital Assistants (PDA’s)
◆ Notebooks, Desktops, and Servers
◆ Portable Instrumentation
◆ Peripherals
◆ Pagers
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact) -- 3.3V ~ 20V
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact) -- 24V ~ 36V
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
FEATURES
◆ 350 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects one I/O or power line
◆ Low clamping voltage
◆ Working voltages: 3.3V ~ 36V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ JEDEC SOD-323 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 5 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
SOD-323
PIN CONFIGURATION
UNIDIRECTIONAL TVS DIODE
2
03W
1


Podobny numer części - YSESD3Z24T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yea Shin Technology Co....
YSESD3Z24T1G YEASHIN-YSESD3Z24T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
YSESD3Z24T1G YEASHIN-YSESD3Z24T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
YSESD3Z24T1G YEASHIN-YSESD3Z24T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
More results

Podobny opis - YSESD3Z24T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
   Unidirectional TVS Diode
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
   UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Yea Shin Technology Co....
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
   Unidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SDA3601P LEIDITECH-SDA3601P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com