Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB020N03KM3 Arkusz danych(PDF) 9 Page - Cystech Electonics Corp.

Numer części MTB020N03KM3
Szczegółowy opis  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KM3 Arkusz danych(HTML) 9 Page - Cystech Electonics Corp.

  MTB020N03KM3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143M3
Issued Date : 2016.01.21
Revised Date :
Page No. : 9/9
MTB020N03KM3
CYStek Product Specification
SOT-89 Dimension
Inches
Marking:
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1732
0.1811
4.40
4.60
F
0.0591 TYP
1.50 TYP
B
0.1551
0.1673
3.94
4.25
G
0.1181 TYP
3.00 TYP
C
0.0610 REF
1.55 REF
H
0.0551
0.0630
1.40
1.60
D
0.0906
0.1024
2.30
2.60
I
0.0138
0.0173
0.35
0.44
E
0.0126
0.0205
0.32
0.52
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
TYN3
□□□□
E
F
G
C
B
A
3
2
1
Device Name
Date Code
H
I
D
Style: Pin 1. Gate 2. Drain 3. Source
3-Lead SOT-89 Plastic
Surface Mounted Package
CYStek Package Code: M3


Podobny numer części - MTB020N03KM3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KL3 CYSTEKEC-MTB020N03KL3 Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KL3-0-T3-G CYSTEKEC-MTB020N03KL3-0-T3-G Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KN3 CYSTEKEC-MTB020N03KN3 Datasheet
470Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Podobny opis - MTB020N03KM3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com