Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB080P06M3 Arkusz danych(PDF) 9 Page - Cystech Electonics Corp.

Numer części MTB080P06M3
Szczegółowy opis  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080P06M3 Arkusz danych(HTML) 9 Page - Cystech Electonics Corp.

  MTB080P06M3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C069M3
Issued Date : 2016.04.19
Revised Date :
Page No. : 9/9
MTB080P06M3
CYStek Product Specification
SOT-89 Dimension
DIM
Inches
Millimeters
Inches
Millimeters
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1732
0.1811
4.40
4.60
F
0.0591 TYP
1.50 TYP
B
0.1551
0.1673
3.94
4.25
G
0.1181 TYP
3.00 TYP
C
0.0610 REF
1.55 REF
H
0.0551
0.0630
1.40
1.60
D
Marking:
B8P6
□□□□
E
F
G
C
B
A
I
D
H
3
2
1
Date Code
Device Name
Style: Pin 1. Gate 2. Drain 3. Source
3-Lead SOT-89 Plastic
Surface Mounted Package
CYStek Package Code: M3
0.0906
0.1024
2.30
2.60
I
0.0138
0.0173
0.35
0.44
E
0.0126
0.0205
0.32
0.52
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Podobny numer części - MTB080P06M3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06J3-0-T3-G CYSTEKEC-MTB080P06J3-0-T3-G Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3 CYSTEKEC-MTB080P06L3 Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3-0-T3-G CYSTEKEC-MTB080P06L3-0-T3-G Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06N3 CYSTEKEC-MTB080P06N3 Datasheet
461Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Podobny opis - MTB080P06M3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com