Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33989D Arkusz danych(PDF) 8 Page - Motorola, Inc

Numer części MC33989D
Szczegółowy opis  System Basis Chip With High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33989D Arkusz danych(HTML) 8 Page - Motorola, Inc

Back Button MC33989D Datasheet HTML 4Page - Motorola, Inc MC33989D Datasheet HTML 5Page - Motorola, Inc MC33989D Datasheet HTML 6Page - Motorola, Inc MC33989D Datasheet HTML 7Page - Motorola, Inc MC33989D Datasheet HTML 8Page - Motorola, Inc MC33989D Datasheet HTML 9Page - Motorola, Inc MC33989D Datasheet HTML 10Page - Motorola, Inc MC33989D Datasheet HTML 11Page - Motorola, Inc MC33989D Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
MC33989
MC33989
3
CAN MODULE SPECIFICATION
MAXIMUM RATING
Ratings
Symbol
Min
Typ
Max
Unit
ELECTRICAL RATINGS
CANL,CANH Continuous voltage
VcanH,L
-27
40
V
CANL,CANH Continuous current
IcanH,L
200
mA
CANH, CANL Transient voltage (Load dump, note1)
VtrH,L
40
V
CANH, CANL Transient voltage (note2)
VtrH,L
-40
40
V
Logic Inputs (Tx, Rx)
U
- 0.5
6
V
ESD voltage (HBM 100pF, 1.5k), CANL, CANH
Vesd-ch
-4
4
kV
ESD voltage (Machine Model) CANH, CAN L
Vesd-cm
-200
200
V
ELECTRICAL CHARACTERISTICS VDD1 = 4,75 to 5,25; Vsup=5.5 to 27V; Tamb = -40 to 125°C unless otherwise specified
Descriptions
Symbol
Min
Typ
Max
Unit
Conditions
Supply
Supply current of CAN cell
Ires
1.5
3
mA
Recessive state
Supply current of CAN cell
Idom
2
6
mA
Dominant state, without
bus load
Supply current of CAN cell
CAN in sleep state wake up enable
Isleep
55
70
uA
V2 regulator off
Supply current of CAN cell
CAN in sleep state wake up disabled
Idis
1
uA
V2 regulator off
(guaranteed by design)
CANH and CANL
Bus pins common mode voltage
-27
40
V
Differential input voltage
Vcanh-
Vcanl
500
mV
Common mode
between -3 and +7V.
Recessive state at Rx
Differential input voltage
900
mV
Common mode
between -3 and +7V.
Dominant state at Rx
Differential input hysteresis (Rx)
100
mV
Input resistance
Rin
5
100
Kohms
Differential input resistance
Rind
10
100
Kohms
Unpowered node input current
1.5
mA
CANH output voltage
2.75
4.5
V
TX dominant state
CANL output voltage
0.5
2.25
V
Tx dominant state
Differential output voltage
1.5
3
V
Tx dominant state
CANH output voltage
3
V
Tx recessive state
CANL output voltage
2
V
Tx recessive state
Differential output voltage
100
mV
Tx recessive state
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC33989D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33989DW FREESCALE-MC33989DW Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
MC33989DWR2 FREESCALE-MC33989DWR2 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
More results

Podobny opis - MC33989D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com