Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DBFE-0100U272-00 Arkusz danych(PDF) 3 Page - LinkCom Manufacturing Co., Ltd.

Numer części DBFE-0100U272-00
Szczegółowy opis  0-10V Dimmable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Strona internetowa  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DBFE-0100U272-00 Arkusz danych(HTML) 3 Page - LinkCom Manufacturing Co., Ltd.

  DBFE-0100U272-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DBFE-0100U272-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DBFE-0100U272-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. DBFE-0100U272-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. DBFE-0100U272-00 Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
100-DBFE Series
0-10V Dimmable
Constant Current Mode
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Minimum
Typical
1mA
10V
0mA
1V
Absolute maximum voltageon on the 1-10(+) Purple Wire
2. Recommended dimmers are Leviton IP710,Lutron NTSTV-DV or equivalent.
3. When dimming wires +Purple/-Gray are left open, the output current will be at 100%
DIMMING OPERATION
Parameters
1. Purple and Gray wires on the output side are used for 1-10V dimming.
Notes:
Source current on the 1-10V(+) Purple Wire
Maximum
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
0
1
2
3
4
5
6
7
8
9
10
Dimming Input(VDC)
Output Current / 1-10VDC Dimming Input
PDBFE0100■XXX-00G
V
(Leviton) IP710 Dimmer
(Lutron) NTSTV-DV Dimmer
Gray(-)
Red(+)
Black(-)
Purple(+)
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Podobny numer części - DBFE-0100U272-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
DBFE-013U451 LINKCOM-DBFE-013U451 Datasheet
661Kb / 6P
   Power Supply
More results

Podobny opis - DBFE-0100U272-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
   0-10V Dimmable
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
   0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
   0-10V Dimmable
60W-DBFE LINKCOM-60W-DBFE Datasheet
472Kb / 5P
   0-10V Dimmable
40-DBFE LINKCOM-40-DBFE Datasheet
501Kb / 6P
   40W 0-10V Dimmable
logo
Dialog Semiconductor
IW3631 DIALOG-IW3631 Datasheet
381Kb / 7P
   Two-Stage, Flickerless??0-10V Dimmable Digital
logo
Phihong USA Inc.
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com