Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM13C Arkusz danych(PDF) 11 Page - Silicon Touch Technology Inc.

Numer części DM13C
Szczegółowy opis  Maximum output voltage: 17V
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Arkusz danych(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 14Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 10
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Constant-Current Output
Constant-current value of each output channel is set by an external resistor connected between
the REXT pin and GND. Varying the resistor value can adjust the current scale ranging from 5mA to
90mA. The reference voltage of REXT terminal (Vrext) is approximately 1.2V. The output current
value is calculated roughly by the following equation:
Iout(mA)
5
10
20
30
40
50
60
70
80
90
M
46.4
45.9
45
44.5
44.2
44.3
44.9
43.7
42.3
42.7
Output Current as a Function of Rrext Value
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
Rrext(KOhm)
Output Current as a Function of Output Voltage
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Vout (V)
In order to obtain a good performance of constant-current output, a suitable output voltage is
necessary. Users can get related information about the minimum output voltage above.
Iout (mA) ~
Vrext (V)
Rrext (K
Ω )
× M


Podobny numer części - DM13C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
   15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
   15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
   D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Podobny opis - DM13C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com