Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST2221A Arkusz danych(PDF) 4 Page - Silicon Touch Technology Inc.

Numer części ST2221A
Szczegółowy opis  5V CMOS Compatible Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2221A Arkusz danych(HTML) 4 Page - Silicon Touch Technology Inc.

  ST2221A Datasheet HTML 1Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 2Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 7Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 8Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
ST2221A
8-BIT CONSTANT CURRENT LED DRIVERS
Version:A.036
Page: 3
Timing Diagram
(Note) Latches are level sensitive (not edge triggered).
LATCH-terminal = H level, latches become transparent; LATCH-terminal = L level, latches hold data.
ENABLE-terminal = H level, all outputs (OUT0~7) are off.
An external resistor is connected between R-EXT and GND for setting up the value of constant current.
SERIAL-OUT changes state on the falling edges of clock.
Pin Description
PIN No.
PIN NAME
FUNCTION
1
GND
GND terminal
2
SERIAL-IN
Input terminal of a data shift register
3
CLOCK
Input terminal of a clock for shift register
4
LATCH
Input terminal for data strobe
5~12
OUT0~7
Output terminals
13
ENABLE
Input terminal for output enable (active low)
14
SERIAL-OUT
Output terminal of a data shift register
15
R-EXT
Input terminal of an external resistor
16
VDD
5V Supply voltage terminal
OUT7
SERIAL-OUT
OUT2
OUT1
OUT0
LATCH
0V
5V
0V
5V
SERIAL IN
CLOCK
0V
5V
Off
0V
Off
On
Off
On
Off
0V
5V
5V
ENABLE


Podobny numer części - ST2221A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
ST2221C SITI-ST2221C Datasheet
217Kb / 17P
   5V CMOS Compatible Input
More results

Podobny opis - ST2221A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
ST2221C SITI-ST2221C Datasheet
217Kb / 17P
   5V CMOS Compatible Input
DM133 SITI-DM133 Datasheet
271Kb / 20P
   CMOS Compatible Input/Output
logo
Shindengen Electric Mfg...
MTA011 SHINDENGEN-MTA011_17 Datasheet
202Kb / 4P
   TTL/CMOS Compatible Input (High Active)
logo
Maxim Integrated Produc...
DS21Q352 MAXIM-DS21Q352 Datasheet
167Kb / 13P
   Low Power 5V CMOS or Low Power 3.3V CMOS with 5V Tolerant Input & Outputs
December 29, 1998
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
STMicroelectronics
74LX1GU04 STMICROELECTRONICS-74LX1GU04 Datasheet
115Kb / 10P
   LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
logo
Infineon Technologies A...
BTS54040-LBA INFINEON-BTS54040-LBA Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54040-LBE INFINEON-BTS54040-LBE Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
BTS54220-LBA INFINEON-BTS54220-LBA Datasheet
2Mb / 71P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54220-LBE INFINEON-BTS54220-LBE Datasheet
2Mb / 72P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com