Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33025DWR2G Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC33025DWR2G
Szczegółowy opis  High Speed Double-Ended PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DWR2G Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC33025DWR2G Datasheet HTML 7Page - ON Semiconductor MC33025DWR2G Datasheet HTML 8Page - ON Semiconductor MC33025DWR2G Datasheet HTML 9Page - ON Semiconductor MC33025DWR2G Datasheet HTML 10Page - ON Semiconductor MC33025DWR2G Datasheet HTML 11Page - ON Semiconductor MC33025DWR2G Datasheet HTML 12Page - ON Semiconductor MC33025DWR2G Datasheet HTML 13Page - ON Semiconductor MC33025DWR2G Datasheet HTML 14Page - ON Semiconductor MC33025DWR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC34025, MC33025
http://onsemi.com
11
CT
Vref
RDT
RT
4
Oscillator
Figure 24. Dead Time Addition
5
6
Additional dead time can be added by the addition of a dead
time resistor from Vref to CT. See text on oscillator section for
more information.
5.0 V
0 V
CT
RT
Oscillator
Figure 25. External Clock Synchronization
4
5
6
The sync pulse fed into the clock pin must be at least 3.9 V. RT
and CT need to be set 10% slower than the sync frequency. This
circuit is also used in voltage mode operation for master/slave
operation. The clock signal would be coming from the master
which is set at the desired operating frequency, while the slave
is set 10% slower.
Figure 26. Resistive Current Sensing
ISense
9
The addition of an RC filter will eliminate instability caused by the
leading edge spike on the current waveform. This sense signal
can also be used at the ramp input pin for current mode control.
For ramp compensation it is necessary to know the gain of the
current feedback loop. If a transformer is used, the gain can be
calculated by:
Ai +
RSense
turns ratio
Figure 27. Primary Side Current Sensing
Rw
ISense
9
Figure 28. Primary or Secondary Side
Current Sensing
0
ISense
Rw
9
Ai +
Rw
turns ratio
The addition of an RC filter will eliminate instability caused by the leading edge spike on the current waveform. This sense signal can also
be used at the ramp input pin for current mode control. For ramp compensation it is necessary to know the gain of the current feedback
loop. The gain can be calculated by:


Podobny numer części - MC33025DWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33025DWR2G ONSEMI-MC33025DWR2G Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
More results

Podobny opis - MC33025DWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
   Advanced Double-Ended PWM Controller
January 31, 2014
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
   Advanced Double-Ended PWM Controller
November 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com