Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C550 Arkusz danych(PDF) 7 Page - Exar Corporation

Numer części ST16C550
Szczegółowy opis  UART WITH 16-BYTE FIFO?셲
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C550 Arkusz danych(HTML) 7 Page - Exar Corporation

Back Button ST16C550 Datasheet HTML 3Page - Exar Corporation ST16C550 Datasheet HTML 4Page - Exar Corporation ST16C550 Datasheet HTML 5Page - Exar Corporation ST16C550 Datasheet HTML 6Page - Exar Corporation ST16C550 Datasheet HTML 7Page - Exar Corporation ST16C550 Datasheet HTML 8Page - Exar Corporation ST16C550 Datasheet HTML 9Page - Exar Corporation ST16C550 Datasheet HTML 10Page - Exar Corporation ST16C550 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ST16C550
7
Rev. 4.30
Symbol
Pin
Signal
Pin Description
40
44
48
type
SYMBOL DESCRIPTION
-CTS
36
40
38
I
Clear to Send (active low) - A logic 0 on the -CTS pin indicates
the modem or data set is ready to accept transmit data from
the ST16C550. Status can be tested by reading MSR bit-4.
This pin has no effect on the UART’s transmit or receive
operation.
-DSR
37
41
39
I
Data Set Ready (active low) - A logic 0 on this pin indicates
the modem or data set is powered-on and is ready for data
exchange with the UART. This pin has no effect on the
UART’s transmit or receive operation.
-DTR
33
37
33
O
Data Terminal Ready (active low) - A logic 0 on this pin
indicates that the ST16C550 is powered-on and ready. This
pin can be controlled via the modem control register.
Writing a logic 1 to MCR bit-0 will set the -DTR output to
logic 0, enabling the modem. This pin will be a logic 1 after
writing a logic 0 to MCR bit-0, or after a reset. This pin has
no effect on the UART’s transmit or receive operation.
-RI
39
43
41
I
Ring Indicator (active low) - A logic 0 on this pin indicates the
modem has received a ringing signal from the telephone
line. A logic 1 transition on this input pin will generate an
interrupt.
-RTS
32
36
32
O
Request to Send (active low) - A logic 0 on the -RTS pin
indicates the transmitter has data ready and waiting to send.
Writing a logic 1 in the modem control register (MCR bit-1)
will set this pin to a logic 0 indicating data is available. After
a reset this pin will be set to a logic 1. This pin has no effect
on the UART’s transmit or receive operation.
RX
10
11
7
I
Receive Data - This pin provides the serial receive data
input to the ST16C550. A logic 1 indicates no data or an idle
channel. During the local loop-back mode, the RX input pin is
disabled and TX data is internally connected to the UART RX
Input, internally, see figure 12.
TX
11
13
8
O
Transmit Data - This pin provides the serial transmit data
from the ST16C550, the TX signal will be a logic 1 during
reset, idle (no data). During the local loop-back mode, the
TX pin is set to a logic 1 and TX data is internally connected
to the UART RX Input, see figure 12.


Podobny numer części - ST16C550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CJ44 EXAR-ST16C550CJ44 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CP40 EXAR-ST16C550CP40 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CQ48 EXAR-ST16C550CQ48 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550IJ44 EXAR-ST16C550IJ44 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
More results

Podobny opis - ST16C550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com