Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C550CJ44 Arkusz danych(PDF) 9 Page - Exar Corporation

Numer części ST16C550CJ44
Szczegółowy opis  UART WITH 16-BYTE FIFO?셲
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C550CJ44 Arkusz danych(HTML) 9 Page - Exar Corporation

Back Button ST16C550CJ44 Datasheet HTML 5Page - Exar Corporation ST16C550CJ44 Datasheet HTML 6Page - Exar Corporation ST16C550CJ44 Datasheet HTML 7Page - Exar Corporation ST16C550CJ44 Datasheet HTML 8Page - Exar Corporation ST16C550CJ44 Datasheet HTML 9Page - Exar Corporation ST16C550CJ44 Datasheet HTML 10Page - Exar Corporation ST16C550CJ44 Datasheet HTML 11Page - Exar Corporation ST16C550CJ44 Datasheet HTML 12Page - Exar Corporation ST16C550CJ44 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ST16C550
9
Rev. 4.30
Table 2, INTERNAL REGISTER DECODE
A2
A1
A0
READ MODE
WRITE MODE
General Register Set (THR/RHR, IER/ISR, MCR/MSR, LCR/LSR, SPR):
0
0
0
Receive Holding Register
Transmit Holding Register
0
0
1
Interrupt Enable Register
Interrupt Enable Register
0
1
0
Interrupt Status Register
FIFO Control Register
0
1
1
Line Control Register
Line Control Register
1
0
0
Modem Control Register
Modem Control Register
1
0
1
Line Status Register
Reserved
1
1
0
Modem Status Register
Reserved
1
1
1
Scratchpad Register
Scratchpad Register
Baud Rate Generator Registers (DLL/DLM). Accessible only when LCR bit-7 is set to 1.
0
0
0
LSB of Divisor Latch
LSB of Divisor Latch
0
0
1
MSB of Divisor Latch
MSB of Divisor Latch
FIFO Operation
The 16 byte transmit and receive data FIFO’s are
enabled by the FIFO Control Register (FCR) bit-0.
With 16C550 devices, the user can set the receive
trigger level but not the transmit trigger level. The
receiver FIFO section includes a time-out function to
ensure data is delivered to the external CPU. An
interrupt is generated whenever the Receive Holding
Register (RHR) has not been read following the load-
ing of a character or the receive trigger level has not
been reached.
Time-out Interrupts
When two interrupt conditions have the same priority,
it is important to service these interrupts correctly.
Receive Data Ready and Receive Time Out have the
same interrupt priority (when enabled by IER bit-0).
The receiver issues an interrupt after the number of
characters have reached the programmed trigger level.
In this case the ST16C550 FIFO may hold more char-
acters than the programmed trigger level. Following the
removal of a data byte, the user should recheck LSR bit-
0 for additional characters. A Receive Time Out will not
occur if the receive FIFO is empty. The time out counter
is reset at the center of each stop bit received or each
time the receive holding register (RHR) is read (see
Figure 10, Receive Time-out Interrupt). The actual time
out value is T (Time out length in bits) = 4 X P
(Programmed word length) + 12. To convert the time out
value to a character value, the user has to consider the
complete word length, including data information
length, start bit, parity bit, and the size of stop bit, i.e.,
1X, 1.5X, or 2X bit times.
Example -A: If the user programs a word length of 7,
with no parity and one stop bit, the time out will be:
T = 4 X 7( programmed word length) +12 = 40 bit times.
The character time will be equal to 40 / 9 = 4.4
characters, or as shown in the fully worked out example:


Podobny numer części - ST16C550CJ44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C550CJ44 EXAR-ST16C550CJ44 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
More results

Podobny opis - ST16C550CJ44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com