Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT64-04 Arkusz danych(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części BAT64-04
Szczegółowy opis  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAT64-04 Arkusz danych(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAT64-04 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT64-04 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT64-04 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT64-04 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
8
16
24
32
40
0
5
10
15
20
0
25
50
75
100
125
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
010
20
30
40
0.1
1
10
100
1000
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
T
a=25
f=1MHz
Reverse
Characteristics
Forward
Characteristics
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
T
a=25
T
a=100
FORWARD VOLTAGE
V
F
(V)
800
T
a=25
T
a=100
REVERSE VOLTAGE V
R
(V)
Typical Characteristics
www.cj-elec.com
2
,
,201


Podobny numer części - BAT64-04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BAT64-04 SIEMENS-BAT64-04 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64-04 INFINEON-BAT64-04 Datasheet
491Kb / 7P
   Silicon Schottky Diodes
Mar-10-2004
logo
Continental Device Indi...
BAT64-04 CDIL-BAT64-04 Datasheet
139Kb / 4P
   SILICON PLANAR SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64-04 KEXIN-BAT64-04 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-04 INFINEON-BAT64-04 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
More results

Podobny opis - BAT64-04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com