Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-01 Arkusz danych(PDF) 2 Page - Omron Electronics LLC

Numer części SS-01
Szczegółowy opis  Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01 Arkusz danych(HTML) 2 Page - Omron Electronics LLC

  SS-01 Datasheet HTML 1Page - Omron Electronics LLC SS-01 Datasheet HTML 2Page - Omron Electronics LLC SS-01 Datasheet HTML 3Page - Omron Electronics LLC SS-01 Datasheet HTML 4Page - Omron Electronics LLC SS-01 Datasheet HTML 5Page - Omron Electronics LLC SS-01 Datasheet HTML 6Page - Omron Electronics LLC SS-01 Datasheet HTML 7Page - Omron Electronics LLC SS-01 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SS
Subminiature Basic Switch
S
S
Ratings
10.1 A
5 A
0.1 A
Actuator
Terminals
Contact Form Maximum Operating Force (OF)
Hinge lever
Solder terminals
SPDT
0.49 N {50 gf}
SS-10GL
SS-5GL
SS-01GL
SPST-NC
SS-10GL-2
SS-5GL-2
SS-01GL-2
SPST-NO
SS-10GL-3
SS-5GL-3
SS-01GL-3
Quick-connect
terminals (#110)
SPDT
SS-10GLT
SS-5GLT
SS-01GLT
SPST-NC
SS-10GL-2T
SS-5GL-2T
SS-01GL-2T
SPST-NO
SS-10GL-3T
SS-5GL-3T
SS-01GL-3T
PCB terminals
SPDT
SS-10GLD
SS-5GLD
SS-01GLD
SPST-NC
SS-10GL-2D
SS-5GL-2D
SS-01GL-2D
SPST-NO
SS-10GL-3D
SS-5GL-3D
SS-01GL-3D
Solder terminals
SPDT
0.16 N {16 gf}
-
SS-5GL-F
SS-01GL-F
SPST-NC
-
SS-5GL-F-2
SS-01GL-F-2
SPST-NO
-
SS-5GL-F-3
SS-01GL-F-3
Quick-connect
terminals (#110)
SPDT
-
SS-5GL-FT
SS-01GL-FT
SPST-NC
-
SS-5GL-F-2T
SS-01GL-F-2T
SPST-NO
-
SS-5GL-F-3T
SS-01GL-F-3T
PCB terminals
SPDT
-
SS-5GL-FD
SS-01GL-FD
SPST-NC
-
SS-5GL-F-2D
SS-01GL-F-2D
SPST-NO
-
SS-5GL-F-3D
SS-01GL-F-3D
Solder terminals
SPDT
0.08 N {8 gf}
-
-
SS-01GL-E
SPST-NC
-
-
SS-01GL-E-2
SPST-NO
-
-
SS-01GL-E-3
Quick-connect
terminals (#110)
SPDT
-
-
SS-01GL-ET
SPST-NC
-
-
SS-01GL-E-2T
SPST-NO
-
-
SS-01GL-E-3T
PCB terminals
SPDT
-
-
SS-01GL-ED
SPST-NC
-
-
SS-01GL-E-2D
SPST-NO
-
-
SS-01GL-E-3D
Long hinge lever
Solder terminals
SPDT
0.39 N {40 gf}
SS-10GL111
SS-5GL111
SS-01GL111
SPST-NC
SS-10GL111-2
SS-5GL111-2
SS-01GL111-2
SPST-NO
SS-10GL111-3
SS-5GL111-3
SS-01GL111-3
Quick-connect
terminals (#110)
SPDT
SS-10GL111T
SS-5GL111T
SS-01GL111T
SPST-NC
SS-10GL111-2T
SS-5GL111-2T
SS-01GL111-2T
SPST-NO
SS-10GL111-3T
SS-5GL111-3T
SS-01GL111-3T
PCB terminals
SPDT
SS-10GL111D
SS-5GL111D
SS-01GL111D
SPST-NC
SS-10GL111-2D
SS-5GL111-2D
SS-01GL111-2D
SPST-NO
SS-10GL111-3D
SS-5GL111-3D
SS-01GL111-3D
Solder terminals
SPDT
0.12 N {12 gf}
-
SS-5GL111-F
SS-01GL111-F
SPST-NC
-
SS-5GL111-F-2
SS-01GL111-F-2
SPST-NO
-
SS-5GL111-F-3
SS-01GL111-F-3
Quick-connect
terminals (#110)
SPDT
-
SS-5GL111-FT
SS-01GL111-FT
SPST-NC
-
SS-5GL111-F-2T
SS-01GL111-F-2T
SPST-NO
-
SS-5GL111-F-3T
SS-01GL111-F-3T
PCB terminals
SPDT
-
SS-5GL111-FD
SS-01GL111FD
SPST-NC
-
SS-5GL111-F-2D
SS-01GL111-F-2D
SPST-NO
-
SS-5GL111-F-3D
SS-01GL111-F-3D
Solder terminals
SPDT
0.06 N {6 gf}
-
-
SS-01GL111-E
SPST-NC
-
-
SS-01GL111-E-2
SPST-NO
-
-
SS-01GL111-E-3
Quick-connect
terminals (#110)
SPDT
-
-
SS-01GL111-ET
SPST-NC
-
-
SS-01GL111-E-2T
SPST-NO
-
-
SS-01GL111-E-3T
PCB terminals
SPDT
-
-
SS-01GL111-ED
SPST-NC
-
-
SS-01GL111-E-2D
SPST-NO
-
-
SS-01GL111-E-3D
Simulated roller lever
Solder terminals
SPDT
0.49 N {50 gf}
SS-10GL13
SS-5GL13
SS-01GL13
SPST-NC
SS-10GL13-2
SS-5GL13-2
SS-01GL13-2
SPST-NO
SS-10GL13-3
SS-5GL13-3
SS-01GL13-3
Quick-connect
terminals (#110)
SPDT
SS-10GL13T
SS-5GL13T
SS-01GL13T
SPST-NC
SS-10GL13-2T
SS-5GL13-2T
SS-01GL13-2T
SPST-NO
SS-10GL13-3T
SS-5GL13-3T
SS-01GL13-3T
PCB terminals
SPDT
SS-10GL13D
SS-5GL13D
SS-01GL13D
SPST-NC
SS-10GL13-2D
SS-5GL13-2D
SS-01GL13-2D
SPST-NO
SS-10GL13-3D
SS-5GL13-3D
SS-01GL13-3D
Solder terminals
SPDT
0.16 N {16 gf}
-
SS-5GL13-F
SS-01GL13-F
SPST-NC
-
SS-5GL13-F-2
SS-01GL13-F-2
SPST-NO
-
SS-5GL13-F-3
SS-01GL13-F-3
Quick-connect
terminals (#110)
SPDT
-
SS-5GL13-FT
SS-01GL13-FT
SPST-NC
-
SS-5GL13-F-2T
SS-01GL13-F-2T
SPST-NO
-
SS-5GL13-F-3T
SS-01GL13-F-3T
PCB terminals
SPDT
-
SS-5GL13-FD
SS-01GL13-FD
SPST-NC
-
SS-5GL13-F-2D
SS-01GL13-F-2D
SPST-NO
-
SS-5GL13-F-3D
SS-01GL13-F-3D
Solder terminals
SPDT
0.08 N {8 gf}
-
-
SS-01GL13-E
SPST-NC
-
-
SS-01GL13-E-2
SPST-NO
-
-
SS-01GL13-E-3
Quick-connect
terminals (#110)
SPDT
-
-
SS-01GL13-ET
SPST-NC
-
-
SS-01GL13-E-2T
SPST-NO
-
-
SS-01GL13-E-3T
PCB terminals
SPDT
-
-
SS-01GL13-ED
SPST-NC
-
-
SS-01GL13-E-2D
SPST-NO
-
-
SS-01GL13-E-3D
Separator (Sold Separately), Terminal Connector (Sold Separately)
Refer to "Basic Switch Common Accessories"


Podobny numer części - SS-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
SS-01 OMRON-SS-01 Datasheet
676Kb / 10P
   Snap Action Switch
SS-01-E OMRON-SS-01-E Datasheet
676Kb / 10P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
SS-01-ET OMRON-SS-01-ET Datasheet
676Kb / 10P
   Snap Action Switch
SS-01-F OMRON-SS-01-F Datasheet
676Kb / 10P
   Snap Action Switch
More results

Podobny opis - SS-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com