Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-01T Arkusz danych(PDF) 1 Page - Omron Electronics LLC

Numer części SS-01T
Szczegółowy opis  Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01T Arkusz danych(HTML) 1 Page - Omron Electronics LLC

  SS-01T Datasheet HTML 1Page - Omron Electronics LLC SS-01T Datasheet HTML 2Page - Omron Electronics LLC SS-01T Datasheet HTML 3Page - Omron Electronics LLC SS-01T Datasheet HTML 4Page - Omron Electronics LLC SS-01T Datasheet HTML 5Page - Omron Electronics LLC SS-01T Datasheet HTML 6Page - Omron Electronics LLC SS-01T Datasheet HTML 7Page - Omron Electronics LLC SS-01T Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
S
S
SS
Subminiature Basic Switch
Subminiature Basic Switch
Offers High Reliability and
Security
● The OMRON's best-selling micro switches of a
wide variety from 0.1A to 10.1A.
● A variety of models are available, with operating
force ranging from low to high.
● Two split springs ensure a high stability and
durability of 30,000,000 operations.
RoHS Compliant
Model Number Legend
List of Models
●Standard Models
SS-
@@@@@@
1. Ratings
10 : 250 VAC 10.1A
5 : 125 VAC 5 A
01 : 30 VDC 0.1A
2. Actuator
None : Pin plunger
GL
: Hinge lever
GL111 : Long hinge lever
GL13 : Simulated roller lever
GL2
: Hinge roller lever
GL02 : Hinge roller lever
(Roller material: Stainless) heat-resistant
3. Maximum Operating Force (OF)
None : 1.47 N {150 gf}
-F
: 0.49 N {50 gf} (0.1 A, 5 A)
-E
: 0.25 N {25 gf} (0.1 A)
123456
4. Contact form
None : SPDT
-2
: SPST-NC
-3
: SPST-NO
5. Terminals
None : Solder terminals
T
: Quick-connect terminals (#110)
D
: PCB terminals
6. Heat resistance
None : Standard (85°C)
-T
: Heat-resistant (120°C)
Note. These values are for the pin plunger models.
Separator (Sold Separately), Terminal Connector (Sold Separately)
Refer to "Basic Switch Common Accessories"
Ratings
10.1 A
5 A
0.1 A
Actuator
Terminals
Contact Form Maximum Operating Force (OF)
Pin plunger
Solder terminals
SPDT
1.47 N {150 gf}
SS-10
SS-5
SS-01
SPST-NC
SS-10-2
SS-5-2
SS-01-2
SPST-NO
SS-10-3
SS-5-3
SS-01-3
Quick-connect
terminals (#110)
SPDT
SS-10T
SS-5T
SS-01T
SPST-NC
SS-10-2T
SS-5-2T
SS-01-2T
SPST-NO
SS-10-3T
SS-5-3T
SS-01-3T
PCB terminals
SPDT
SS-10D
SS-5D
SS-01D
SPST-NC
SS-10-2D
SS-5-2D
SS-01-2D
SPST-NO
SS-10-3D
SS-5-3D
SS-01-3D
Solder terminals
SPDT
0.49 N {50 gf}
-
SS-5-F
SS-01-F
SPST-NC
-
SS-5-F-2
SS-01-F-2
SPST-NO
-
SS-5-F-3
SS-01-F-3
Quick-connect
terminals (#110)
SPDT
-
SS-5-FT
SS-01-FT
SPST-NC
-
SS-5-F-2T
SS-01-F-2T
SPST-NO
-
SS-5-F-3T
SS-01-F-3T
PCB terminals
SPDT
-
SS-5-FD
SS-01-FD
SPST-NC
-
SS-5-F-2D
SS-01-F-2D
SPST-NO
-
SS-5-F-3D
SS-01-F-3D
Solder terminals
SPDT
0.25 N {25 gf}
--
SS-01-E
SPST-NC
-
-
SS-01-E-2
SPST-NO
-
-
SS-01-E-3
Quick-connect
terminals (#110)
SPDT
--
SS-01-ET
SPST-NC
-
-
SS-01-E-2T
SPST-NO
-
-
SS-01-E-3T
PCB terminals
SPDT
--
SS-01-ED
SPST-NC
-
-
SS-01-E-2D
SPST-NO
-
-
SS-01-E-3D


Podobny numer części - SS-01T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
SS-01T OMRON-SS-01T Datasheet
676Kb / 10P
   Snap Action Switch
More results

Podobny opis - SS-01T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com