Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V-154-1A6 Arkusz danych(PDF) 1 Page - Omron Electronics LLC

Numer części V-154-1A6
Szczegółowy opis  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-154-1A6 Arkusz danych(HTML) 1 Page - Omron Electronics LLC

  V-154-1A6 Datasheet HTML 1Page - Omron Electronics LLC V-154-1A6 Datasheet HTML 2Page - Omron Electronics LLC V-154-1A6 Datasheet HTML 3Page - Omron Electronics LLC V-154-1A6 Datasheet HTML 4Page - Omron Electronics LLC V-154-1A6 Datasheet HTML 5Page - Omron Electronics LLC V-154-1A6 Datasheet HTML 6Page - Omron Electronics LLC V-154-1A6 Datasheet HTML 7Page - Omron Electronics LLC V-154-1A6 Datasheet HTML 8Page - Omron Electronics LLC V-154-1A6 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
V
V
Miniature Basic Switch
Miniature Basic Switch that
Offers High Reliability and
Security
● Wide variation of best-selling microswitches with
switching currents of 10 to 21 A.
● Can be used for interrupting current when doors
are opened or closed.
● Available in two types of cases: thermoplastic resin
and thermosetting resin.
RoHS Compliant
Model Number Legend
V-
@@-@@@@
1. Ratings
21: 21 A at 250 VAC
16: 16 A at 250 VAC
15: 15 A at 250 VAC
10: 10 A at 250 VAC
2. Actuator
None : Pin plunger
1
: Short hinge lever
2
: Hinge lever
3
: Long hinge lever
4
: Simulated roller lever
5
: Short hinge roller lever
6
: Hinge roller lever
3. Contact Form
1: SPDT
2: SPST-NC
3: SPST-NO
1
2
3456
4. Terminals
A : Solder terminals
C2 : Quick-connect terminals (#187)
C : Quick-connect terminals (#250)
5. Maximum Operating Force
6: 3.92 N {400 gf}
5: 1.96 N {200 gf}
4: 0.98 N {100 gf}
Note: These values are for the pin plunger models.
6. Heat Resistance
None : Standard (80°C)
-T
: Heat-resistive (150°C)


Podobny numer części - V-154-1A6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V-154-1A5-T OMRON-V-154-1A5-T Datasheet
1Mb / 16P
   Snap Action Switch
V-154-1A5-T OMRON-V-154-1A5-T Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-154-1A5-T OMRON-V-154-1A5-T Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
More results

Podobny opis - V-154-1A6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com