Zakładka z wyszukiwarką danych komponentów |
|
STK12C68-L45I Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
STK12C68-L45I Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 13 page October 2003 1 Document Control # ML0008 rev 0.4 PIN CONFIGURATIONS VCAP A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS VCCX HSB A8 A9 A11 G W 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 A10 E DQ7 DQ6 DQ5 DQ4 DQ3 28 - LCC 28 - DIP 28 - SOIC PIN NAMES A0 - A12 Address Inputs DQ0 -DQ7 Data In/Out E Chip Enable W Write Enable G Output Enable HSB Hardware Store Busy (I/O) VCCX Power (+ 5V) VCAP Capacitor VSS Ground STK12C68 STK12C68-M SMD#5962-94599 8K x 8 AutoStore™nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM FEATURES • 25ns, 35ns, 45ns and 55ns Access Times • “Hands-off” Automatic STORE with External 68 µF Capacitor on Power Down • STORE to Nonvolatile Elements Initiated by Hardware, Software or AutoStore™ on Power Down • RECALL to SRAM Initiated by Software or Power Restore • 10mA Typical I CC at 200ns Cycle Time • Unlimited READ, WRITE and RECALL Cycles • 1,000,000 STORE Cycles to Nonvolatile Ele- ments (Commercial/Industrial) • 100-Year Data Retention in Nonvolatile Ele- ments (Commercial/Industrial) • Commercial, Industrial and Military Tempera- tures • 28-Pin SOIC, DIP and LCC Packages DESCRIPTION The Simtek STK12C68 is a fast static RAM with a nonvolatile element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent, non- volatile data resides in Nonvolatile Elements. Data transfers from the SRAM to the Nonvolatile Elements (the STORE operation) can take place automatically on power down. A 68 µF or larger capacitor tied from V CAP to ground guarantees the STORE operation, regardless of power-down slew rate or loss of power from “hot swapping”. Transfers from the Nonvolatile Elements to the SRAM (the RECALL operation) take place automatically on restoration of power. Initia- tion of STORE and RECALL cycles can also be soft- ware controlled by entering specific read sequences. A hardware STORE may be initiated with the HSB pin. BLOCK DIAGRAM COLUMN I/O COLUMN DEC STATIC RAM ARRAY 128 x 512 QUANTUM TRAP 128 x 512 STORE/ RECALL CONTROL STORE RECALL POWER CONTROL A5 A6 A9 A11 A12 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 SOFTWARE DETECT A0 - A12 G E W A8 A7 A10 A3 A2 A0 A1 A4 VCCX VCAP HSB |
Podobny numer części - STK12C68-L45I |
|
Podobny opis - STK12C68-L45I |