Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU1006A-E3 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części BU1006A-E3
Szczegółowy opis  Bridge Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU1006A-E3 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  BU1006A-E3 Datasheet HTML 1Page - Vishay Siliconix BU1006A-E3 Datasheet HTML 2Page - Vishay Siliconix BU1006A-E3 Datasheet HTML 3Page - Vishay Siliconix BU1006A-E3 Datasheet HTML 4Page - Vishay Siliconix BU1006A-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BU1006A-E3, BU1008A-E3, BU1010A-E3
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
1
Document Number: 84800
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Enhanced isoCink+™ Bridge Rectifiers
* Tested to UL standard for safety electrically isolated
semiconductor devices. UL 1557 4th edition.
Dielectric tested to maximum case, storage and junction
temperature to 150 °C to withstand 1500 V.
Epoxy meets UL 94 V-0 flammability rating.
FEATURES
• UL recognition file number E309391 (QQQX2)
UL 1557 (see *)
• Thin single in-line package
• Available for BU-5S lead forming option
(part number with “5S” suffix, e.g. BU1006A5S)
• Superior thermal conductivity
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for
switching
power
supply,
home
appliances
and
white-goods applications.
MECHANICAL DATA
Case: BU
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
PRIMARY CHARACTERISTICS
Package
BU
IF(AV)
10 A
VRRM
600 V, 800 V, 1000 V
IFSM
90 A
IR
5 μA
VF at IF = 5.0 A
0.94 V
TJ max.
150 °C
Diode variations
In-Line
+
~
~
-
-
~
~
+
isoCink+™
Case Style BU
+
~~
-
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BU1006A
BU1008A
BU1010A
UNIT
Maximum repetitive peak reverse voltage
VRRM
600
800
1000
V
Average rectified forward current (Fig. 1, 2)
TC = 90 °C (1)
IO
10
A
TA = 25 °C (2)
3.0
Non-repetitive peak forward surge current
8.3 ms single sine-wave, TJ = 25 °C
IFSM
90
A
Rating for fusing (t < 8.3 ms) TJ = 25 °C
I2t33
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward
voltage per diode (1)
IF = 5.0 A
TA = 25 °C
VF
1.02
1.10
V
TA = 125 °C
0.94
1.00
Maximum reverse current per diode
rated VR
TA = 25 °C
IR
-5.0
μA
TA = 125 °C
45
250
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
30
-
pF


Podobny numer części - BU1006A-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BU1006A-E345 VISHAY-BU1006A-E345 Datasheet
121Kb / 6P
   Enhanced Power Bridge Rectifiers
Revision: 11-Mar-08
BU1006A-E351 VISHAY-BU1006A-E351 Datasheet
121Kb / 6P
   Enhanced Power Bridge Rectifiers
Revision: 11-Mar-08
More results

Podobny opis - BU1006A-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com