Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF210-S Arkusz danych(PDF) 2 Page - LEM

Numer części LF210-S
Szczegółowy opis  Current transducer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEM [LEM]
Strona internetowa  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF210-S Arkusz danych(HTML) 2 Page - LEM

  LF210-S Datasheet HTML 1Page - LEM LF210-S Datasheet HTML 2Page - LEM LF210-S Datasheet HTML 3Page - LEM LF210-S Datasheet HTML 4Page - LEM LF210-S Datasheet HTML 5Page - LEM LF210-S Datasheet HTML 6Page - LEM LF210-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2/7
26October2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 210-S
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Maximum supply voltage (working) (−40 … 85 °C)
±U
C
V
±15.75
Primary conductor temperature
T
B
°C
100
Maximum steady state primary current (−40 … 85 °C)
I
PN
A
200
Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum ratings for extended periods may degrade reliability.
UL 508: Ratings and assumptions of certification
File # E189713 Volume: 2 Section: 9
Standards
● USR indicates investigation to the Standard for Industrial Control Equipment UL 508.
● CNR indicates investigation to the Canadian standard for Industrial Control Equipment CSA C22.2 No. 14-13
Conditions of acceptability
When installed in the end-use equipment, with primary feedthrough potential involved of 600 V AC/DC, consideration shall be
given to the following:
1 - These products must be mounted in a suitable end-use enclosure.
2-Thesecondarypinterminalshavenotbeenevaluatedforfieldwiring.
3-Low voltage control circuit shall be supplied by an isolating source (such as transformer, optical isolator, limiting
impedance or electro-mechanical relay).
4-BasedonthetemperaturetestperformedonallSeries,theprimarybarorconductorshallnotexceed100°Cinthe
end use application.
Marking
Only those products bearing the UL or UR Mark should be considered to be Listed or Recognized and covered under UL’s Follow-
Up Service. Always look for the Mark on the product.


Podobny numer części - LF210-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LF2108A LINER-LF2108A Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108AD LINER-LF2108AD Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108AD/883B LINER-LF2108AD/883B Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108D LINER-LF2108D Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108D/883B LINER-LF2108D/883B Datasheet
132Kb / 2P
   Operational Amplifiers
More results

Podobny opis - LF210-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com