Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF210-S Arkusz danych(PDF) 7 Page - LEM

Numer części LF210-S
Szczegółowy opis  Current transducer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEM [LEM]
Strona internetowa  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF210-S Arkusz danych(HTML) 7 Page - LEM

  LF210-S Datasheet HTML 1Page - LEM LF210-S Datasheet HTML 2Page - LEM LF210-S Datasheet HTML 3Page - LEM LF210-S Datasheet HTML 4Page - LEM LF210-S Datasheet HTML 5Page - LEM LF210-S Datasheet HTML 6Page - LEM LF210-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7/7
26October2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 210-S
Connection
Dimensions (in mm)
I
P
I
S
R
M
U
C
UC
dCI
dCp
● Installation of the transducer must be done unless otherwise
specified on the datasheet, according to LEM Transducer
Generic Mounting Rules. Please refer to LEM document
N°ANE120504 available on our Web site:
Products/
Product Documentation.
Safety
This transducer must be used in limited-energy secondary
circuits according to IEC 61010-1.
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements in
accordance with the manufacturer’s operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module
can carry hazardous voltage (eg. primary connection, power
supply).
Ignoring this warning can lead to injury and/or cause serious
damage.
This transducer is a build-in device, whose conducting parts
must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
Mechanical characteristics
● General tolerance
±0.3 mm
● Transducer fastening
Vertical position
2 holes
⌀ 4.3 mm
2 M4 steel screws
Recommended fastening torque
2.1 N·m (±10 %)
● Transducer fastening
Horizontal position
4 holes
⌀ 4.3 mm
4 M4 steel screws
Recommended fastening torque
2.1 N·m (±10 %)
● Connection of secondary
MOLEX 6410
● Primary through hole
⌀ 15.59 mm
Remarks
● I
S is positive when IP flows in the direction of arrow.
● The secondary cables also have to be routed together all
the way.
● Installation of the transducer is to be done without primary
current or secondary voltage present.
● Maximum temperature of primary conductor: see page 2.
● This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.


Podobny numer części - LF210-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LF2108A LINER-LF2108A Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108AD LINER-LF2108AD Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108AD/883B LINER-LF2108AD/883B Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108D LINER-LF2108D Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108D/883B LINER-LF2108D/883B Datasheet
132Kb / 2P
   Operational Amplifiers
More results

Podobny opis - LF210-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com