Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10319 Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MC10319
Szczegółowy opis  High Speed8-Bit Analog-to-Digital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10319 Arkusz danych(HTML) 7 Page - Motorola, Inc

Back Button MC10319 Datasheet HTML 3Page - Motorola, Inc MC10319 Datasheet HTML 4Page - Motorola, Inc MC10319 Datasheet HTML 5Page - Motorola, Inc MC10319 Datasheet HTML 6Page - Motorola, Inc MC10319 Datasheet HTML 7Page - Motorola, Inc MC10319 Datasheet HTML 8Page - Motorola, Inc MC10319 Datasheet HTML 9Page - Motorola, Inc MC10319 Datasheet HTML 10Page - Motorola, Inc MC10319 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MC10319
7
MOTOROLA ANALOG IC DEVICE DATA
Figure 10. Supply Current versus Temperature
Figure 11. Supply Current versus Temperature
112
–10
TA, AMBIENT TEMPERATURE (°C)
0
204060
70
–11
–8.0
–9.0
–12
TA, AMBIENT TEMPERATURE (°C)
70
60
20
40
110
108
102
106
0
104
VCC = 5.0 V
VEE = – 5.2 V
Figure 12. Differential Linearity Error
Figure 13. Integral Linearity Error
224
192
160
128
96
64
32
0
1/2
LSB
– 1/2
LSB
0
VRT = 2.0 V, VRB = 0 V
Fs = 25 MHz
224
192
160
128
96
64
32
0
1/2
LSB
– 1/2
LSB
0
VRT = 2.0 V, VRB = 0 V
Fs = 25 MHz
256
256
Figure 14. Differential Linearity Error
Figure 15. Integral Linearity Error
0
VRT = 2.0 V, VRB = 0 V
Fs = 12.5 MHz
– 1/2
LSB
1/2
LSB
0
32
64
96
128
160
192
224
VRT = 2.0 V, VRB = 0 V
Fs = 12.5 MHz
224
0
– 1/2
LSB
1/2
LSB
0
32
64
96
128
160
192
256
256


Podobny numer części - MC10319

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   Low voltage coefficient
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
GUANGDONG MISUN TECHNOL...
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-100M1 FPE-MC1030-100M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-150M1 FPE-MC1030-150M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
More results

Podobny opis - MC10319

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
ADS1212 TI1-ADS1212_14 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com