Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7447714101 Arkusz danych(PDF) 11 Page - Union Semiconductor, Inc.

Numer części 7447714101
Szczegółowy opis  Hysteretic Buck High Brightness LED Driver with Internal Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UNIONSEMI [Union Semiconductor, Inc.]
Strona internetowa  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

7447714101 Arkusz danych(HTML) 11 Page - Union Semiconductor, Inc.

Back Button 7447714101 Datasheet HTML 5Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 6Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 7Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 8Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 9Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 10Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 11Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 12Page - Union Semiconductor, Inc. 7447714101 Datasheet HTML 13Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Apr.2016
11/13
UM1360
Load Current
Inductor
Saturation Current
IOUT>1A
27-47μH
1.3-1.5 Times of Load Current
0.8A<IOUT≤1A
33-82μH
0.4A<IOUT≤0.8A
47-100μH
IOUT≤0.4A
68-220μH
Order
Code
L(μH)
Size
DCR
(mΩ)
Saturation
Current (mA)
Manufacturer
744066330
33
1038
92
1800
Würth Elektronik
www.we-online.com
7447714470
47
1050
82.5
2.5
7447714680
68
1050
110
2200
7447714101
100
1050
165
1800
The inductor value should be chosen to maintain operating duty cycle and switch 'on'/'off'
times within the specified limits over the supply voltage and load current range. The following
equations can be used as a guide.
LX Switch 'On' time
TON=(L1*ΔI)/(VIN-VLED-ILED*(RS+RL+RLX))
LX Switch 'Off' time
TOFF=(L1*ΔI)/(VLED+VD+ILED*(RS+RL))
Where:
L1 is the coil inductance (H).
RL is the coil resistance (Ω).
RS is the current sense resistance (Ω).
ILED is the required LED current (A).
ΔI is the coil peak-peak ripple current (A) {internally set to 0.3×I
LED}.
VIN is the supply voltage (V).
VLED is the total LED forward voltage (V).
RLX is the switch resistance (Ω) {=0.5Ω nominal}.
VD is the diode forward voltage at the required load current (V).
Diode Selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance
Schottky diode with low reverse leakage at the maximum operating voltage and temperature.
They also provide better efficiency than silicon diodes, due to a combination of lower forward
voltage and reduced recovery time.
It is important to select parts with a peak current rating above the peak coil current and a
continuous current rating higher than the maximum output load current. It is very important to
consider the reverse leakage of the diode when operating above 85°C. Excess leakage will
increase the power dissipation in the device and if close to the load may create a thermal
runaway condition.
The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will
increase the peak voltage on the LX output. If a silicon diode is used, care should be taken to
ensure that the total voltage appearing on the LX pin including supply ripple, does not exceed
the specified maximum value.
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching losses and stable operation. Minimize
ground noise by connecting high current ground returns, the input bypass capacitor ground lead,
and the output filter ground lead to a single point. Place Rs as close as possible to the ISENSE and
VIN. For better noise immunity, a Kelvin connection is strongly recommended between ISENSE
and Rs.


Podobny numer części - 7447714101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7447714101 WURTH-7447714101 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
More results

Podobny opis - 7447714101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com