Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8XC51FB Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 8XC51FB
Szczegółowy opis  Low power single card reader
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC51FB Arkusz danych(HTML) 2 Page - NXP Semiconductors

  8XC51FB Datasheet HTML 1Page - NXP Semiconductors 8XC51FB Datasheet HTML 2Page - NXP Semiconductors 8XC51FB Datasheet HTML 3Page - NXP Semiconductors 8XC51FB Datasheet HTML 4Page - NXP Semiconductors 8XC51FB Datasheet HTML 5Page - NXP Semiconductors 8XC51FB Datasheet HTML 6Page - NXP Semiconductors 8XC51FB Datasheet HTML 7Page - NXP Semiconductors 8XC51FB Datasheet HTML 8Page - NXP Semiconductors 8XC51FB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
2003 Oct 30
2
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
APPLICATIONS
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
6
BLOCK DIAGRAM
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
Microcontroller
8.1.1
Port characteristics
8.1.2
Oscillator characteristics
8.1.3
Reset
8.1.4
Low power modes
8.2
Timer 2 operation
8.2.1
Timer/counter 2 Control register (T2CON)
8.2.2
Timer/counter 2 Mode control register
(T2MOD)
8.2.3
Auto-reload mode (up- or down-counter)
8.2.4
Baud rate generator mode
8.2.5
Timer/counter 2 set-up
8.3
Enhanced UART
8.3.1
Serial port Control register (SCON)
8.3.2
Automatic address recognition
8.4
Interrupt priority structure
8.4.1
Interrupt Enable (IE) register
8.4.2
Interrupt Priority (IP) register
8.4.3
Interrupt Priority High (IPH) register
8.5
Dual Data Pointer (DPTR)
8.6
Expanded data RAM addressing
8.6.1
Auxiliary Register (AUXR)
8.7
Reduced EMI mode
8.8
Mask ROM devices
8.9
ROM code submission for 16 kbytes ROM
device TDA8029
8.10
Smart card reader control registers
8.10.1
General registers
8.10.1.1
Card Select Register (CSR)
8.10.1.2
Hardware Status Register (HSR)
8.10.1.3
Time-Out Registers (TOR1, TOR2 and TOR3)
8.10.1.4
Time-Out Configuration register (TOC)
8.10.2
ISO UART registers
8.10.2.1
UART Transmit Register (UTR)
8.10.2.2
UART Receive Register (URR)
8.10.2.3
Mixed Status Register (MSR)
8.10.2.4
FIFO Control Register (FCR)
8.10.2.5
UART Status Register (USR)
8.10.3
Card registers
8.10.3.1
Programmable Divider Register (PDR)
8.10.3.2
UART Configuration Register 2 (UCR2)
8.10.3.3
Guard Time Register (GTR)
8.10.3.4
UART Configuration Register 1 (UCR1)
8.10.3.5
Clock Configuration Register (CCR)
8.10.3.6
Power Control Register (PCR)
8.10.4
Register summary
8.11
Supply
8.12
DC/DC converter
8.13
ISO 7816 security
8.14
Protections and limitations
8.15
Power reduction modes
8.16
Activation sequence
8.17
Deactivation sequence
9
LIMITING VALUES
10
HANDLING
11
THERMAL CHARACTERISTICS
12
CHARACTERISTICS
13
APPLICATION INFORMATION
14
PACKAGE OUTLINE
15
SOLDERING
15.1
Introduction to soldering surface mount
packages
15.2
Reflow soldering
15.3
Wave soldering
15.4
Manual soldering
15.5
Suitability of surface mount IC packages for
wave and reflow soldering methods
16
DATA SHEET STATUS
17
DEFINITIONS
18
DISCLAIMERS


Podobny numer części - 8XC51FB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
8XC51FB PHILIPS-8XC51FB Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FB PHILIPS-8XC51FB Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results

Podobny opis - 8XC51FB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8029 NXP-TDA8029 Datasheet
275Kb / 59P
   Low power single card reader
Rev. 03-22 February 2005
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com