Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IXYN120N65C3D1 Arkusz danych(PDF) 5 Page - IXYS Corporation

Numer części IXYN120N65C3D1
Szczegółowy opis  International Standard Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN120N65C3D1 Arkusz danych(HTML) 5 Page - IXYS Corporation

  IXYN120N65C3D1 Datasheet HTML 1Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 2Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 3Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 4Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 5Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 6Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXYN120N65B3D1
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
20
40
60
80
100
120
140
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
80
100
120
140
160
180
200
t f i
td(off) - - - -
RG = 2Ω , VGE = 15V
VCE = 400V
TJ = 25ºC
TJ = 150ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
140
160
25
50
75
100
125
150
TJ - Degrees Centigrade
100
110
120
130
140
150
160
170
180
t f i
td(off) - - - -
RG = 2Ω , VGE = 15V
VCE = 400V
I C = 100A
I C = 50A
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
0
1
2
3
4
5
6
2468
10
12
14
RG - Ohms
2
3
4
5
6
7
8
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 50A
I C = 100A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
40
60
80
100
120
140
160
180
2
4
6
8
10
12
14
RG - Ohms
0
100
200
300
400
500
600
700
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 100A
I C = 50A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
1
2
3
4
5
6
7
Eoff
Eon - - - -
RG = 2Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
50
75
100
125
150
TJ - Degrees Centigrade
0
1
2
3
4
5
6
7
Eoff
Eon - - - -
RG = 2Ω , VGE = 15V
VCE = 400V
IC = 50A
IC = 100A


Podobny numer części - IXYN120N65C3D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXYN120N65B3D1 IXYS-IXYN120N65B3D1 Datasheet
222Kb / 7P
   International Standard Package
More results

Podobny opis - IXYN120N65C3D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXYH75N65C3H1 IXYS-IXYH75N65C3H1 Datasheet
237Kb / 7P
   International Standard Package
IXYN150N60B3 IXYS-IXYN150N60B3 Datasheet
215Kb / 6P
   International Standard Package
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT160C08T2 MCC-MT160C08T2 Datasheet
546Kb / 5P
   International standard package
logo
IXYS Corporation
IXYN75N65C3D1 IXYS-IXYN75N65C3D1 Datasheet
228Kb / 7P
   International Standard Package
IXYN100N65C3H1 IXYS-IXYN100N65C3H1 Datasheet
231Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT130CB08T2 MCC-MT130CB08T2 Datasheet
553Kb / 6P
   International standard package
logo
IXYS Corporation
IXYH75N65C3 IXYS-IXYH75N65C3 Datasheet
232Kb / 6P
   International Standard Package
IXYH75N65C3D1 IXYS-IXYH75N65C3D1 Datasheet
243Kb / 7P
   International Standard Package
IXYN120N65B3D1 IXYS-IXYN120N65B3D1 Datasheet
222Kb / 7P
   International Standard Package
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com