Zakładka z wyszukiwarką danych komponentów |
|
DAC0831 Arkusz danych(PDF) 5 Page - National Semiconductor (TI) |
|
|
DAC0831 Arkusz danych(HTML) 5 Page - National Semiconductor (TI) |
5 / 28 page Electrical Characteristics V REF=10.000 VDC unless otherwise noted. Boldface limits apply over temperature, TMIN≤TA≤TMAX. For all other limits T A=25˚C. Symbol Parameter Conditions See Note V CC=15.75 VDC V CC=12 V DC±5% to 15 V DC ±5% V CC=4.75 VDC V CC=5 V DC±5% Limit Units Typ (Note 12) Tested Limit (Note 5) Design Limit (Note 6) Typ (Note 12) Tested Limit (Note 5) Design Limit (Note 6) AC CHARACTERISTICS t s Current Setting V IL=0V, V IH=5V 1.0 1.0 µs Time t W Write and XFER V IL=0V, V IH=5V 11 100 250 375 600 Pulse Width Min 9 320 320 900 900 t DS Data Setup Time V IL=0V, V IH=5V 9 100 250 375 600 Min 320 320 900 900 t DH Data Hold Time V IL=0V, V IH=5V 9 30 50 ns Min 30 50 t CS Control Setup Time V IL=0V, V IH=5V 9 110 250 600 900 Min 320 320 1100 1100 t CH Control Hold Time V IL=0V, V IH=5V 90 0 10 0 0 Min 00 Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating the device beyond its specified operating conditions. Note 2: All voltages are measured with respect to GND, unless otherwise specified. Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any temperature is PD =(TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For this device, TJMAX = 125˚C (plastic) or 150˚C (ceramic), and the typical junction-to-ambient thermal resistance of the J package when board mounted is 80˚C/W. For the N package, this number increases to 100˚C/W and for the V package this number is 120˚C/W. Note 4: For current switching applications, both IOUT1 and IOUT2 must go to ground or the “Virtual Ground” of an operational amplifier. The linearity error is degraded by approximately VOS ÷VREF. For example, if VREF = 10V thena1mVoffset, VOS,onIOUT1 or IOUT2 will introduce an additional 0.01% linearity error. Note 5: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level). Note 6: Guaranteed, but not 100% production tested. These limits are not used to calculate outgoing quality levels. Note 7: Guaranteed at VREF=±10 VDC and VREF=±1VDC. Note 8: The unit “FSR” stands for “Full Scale Range.” “Linearity Error” and “Power Supply Rejection” specs are based on this unit to eliminate dependence on a particular VREF value and to indicate the true performance of the part. The “Linearity Error” specification of the DAC0830 is “0.05% of FSR (MAX)”. This guarantees that after performing a zero and full scale adjustment (see Sections 2.5 and 2.6), the plot of the 256 analog voltage outputs will each be within 0.05%xVREF of a straight line which passes through zero and full scale. Note 9: Boldface tested limits apply to the LJ and LCJ suffix parts only. Note 10: A 100nA leakage current with Rfb=20k and VREF=10V corresponds to a zero error of (100x10 −9x20x103)x100/10 which is 0.02% of FS. Note 11: The entire write pulse must occur within the valid data interval for the specified tW,tDS,tDH, and tS to apply. Note 12: Typicals are at 25˚C and represent most likely parametric norm. Note 13: Human body model, 100 pF discharged through a 1.5 k Ω resistor. www.national.com 5 |
Podobny numer części - DAC0831 |
|
Podobny opis - DAC0831 |