Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R0.5D1205 Arkusz danych(PDF) 8 Page - Recom International Power

Numer części R0.5D1205
Szczegółowy opis  0.5 Watt SMD Isolated Single or Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECOM [Recom International Power]
Strona internetowa  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5D1205 Arkusz danych(HTML) 8 Page - Recom International Power

  R0.5D1205 Datasheet HTML 1Page - Recom International Power R0.5D1205 Datasheet HTML 2Page - Recom International Power R0.5D1205 Datasheet HTML 3Page - Recom International Power R0.5D1205 Datasheet HTML 4Page - Recom International Power R0.5D1205 Datasheet HTML 5Page - Recom International Power R0.5D1205 Datasheet HTML 6Page - Recom International Power R0.5D1205 Datasheet HTML 7Page - Recom International Power R0.5D1205 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package Style and Pinning (mm)
15.24
6.70
7.00
2.54x5
12 PINS Dual SMD Package
10.70
11.10
RECOM
R0.5D12-0505
1120
12
6
8
5
11.10
0.50
Footprint
2.54
1.20
1.80
12.00
3
11
7
12
10
Pin Connections
Pin #
Function Single
Function Dual
1
–Vin
–Vin
2
+Vin
+Vin
5
-Vout
Com.
6
NC
–Vout
8
+Vout
+Vout
3,7,10,11,12 NC
NC
NC= No Connection
Unit: mm
TOL.: ± 0.25 mm
ECONOLINE
DC/DC-Converter
R0.5S_D
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
E-23
www.recom-power.com


Podobny numer części - R0.5D1205

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R0.5S-D RECOM-R0.5S-D Datasheet
120Kb / 8P
   Approved for Medical Applications
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z-1205H RECOM-R0.5Z-1205H Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z-1205P RECOM-R0.5Z-1205P Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z-1212H RECOM-R0.5Z-1212H Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
More results

Podobny opis - R0.5D1205

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
RP03-1233SB RECOM-RP03-1233SB Datasheet
104Kb / 4P
   3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
RP03-053.3SE RECOM-RP03-053.3SE Datasheet
102Kb / 4P
   3 Watt DIP4 & SMD, Single & Dual Isolated Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
   1 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
logo
Power-One
CRD512 POWER-ONE-CRD512 Datasheet
45Kb / 2P
   DUAL OUTPUT, 0.5 WATT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com