Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R-783.3-0.5 Arkusz danych(PDF) 5 Page - Recom International Power

Numer części R-783.3-0.5
Szczegółowy opis  0.5 AMP SIP3 Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECOM [Recom International Power]
Strona internetowa  http://www.recom-international.com
Logo RECOM - Recom International Power

R-783.3-0.5 Arkusz danych(HTML) 5 Page - Recom International Power

  R-783.3-0.5 Datasheet HTML 1Page - Recom International Power R-783.3-0.5 Datasheet HTML 2Page - Recom International Power R-783.3-0.5 Datasheet HTML 3Page - Recom International Power R-783.3-0.5 Datasheet HTML 4Page - Recom International Power R-783.3-0.5 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2.54
2.54
Top View
Bottom View
Front
7.55
2.0
0.25
5.08
3.21
2
13
4.10
0.51 typ.
0.7 ± 0.1
10.2
RECOM
R-785.0-0.5
**** Pb
1.00ø+0.15/–0
11.50
RECOM
R-785.0-0.5
**** Pb
Package Style and Pinning (mm)
SIP3 PIN Package
Pin Connections
Pin #
1
+Vin
2
GND
3
+Vout
xx.x ±0.5mm
xx.xx ±0.25mm
Recommended Footprint Details
INNOLINE
DC/DC-Converter
R-78xx-0.5
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
+Vin
-Vin
R-78xx-1.0
-Vout
+Vout
C1
C2
DC/DC Converter ( 1:1 )
- Improved loading / line regulation
- Wide Input Voltage Range
C1 , C2 : optional
- Point-of-Load Architecture
- High isolation voltage
Isolated (up to 6KV), wide Input range regulated output
Application Examples
I-6
www.recom-power.com
REV: 0/2015


Podobny numer części - R-783.3-0.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-783.3-0.5 RECOM-R-783.3-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-783.3-0.5 RECOM-R-783.3-0.5 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-783.3-0.5 RECOM-R-783.3-0.5 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-783.3-0.5L RECOM-R-783.3-0.5L Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results

Podobny opis - R-783.3-0.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com