Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R-746.5P Arkusz danych(PDF) 4 Page - Recom International Power

Numer części R-746.5P
Szczegółowy opis  2, 3, 4 AMP SIP12 Vertical & Horizontal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECOM [Recom International Power]
Strona internetowa  http://www.recom-international.com
Logo RECOM - Recom International Power

R-746.5P Arkusz danych(HTML) 4 Page - Recom International Power

  R-746.5P Datasheet HTML 1Page - Recom International Power R-746.5P Datasheet HTML 2Page - Recom International Power R-746.5P Datasheet HTML 3Page - Recom International Power R-746.5P Datasheet HTML 4Page - Recom International Power R-746.5P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Output
Input
C1
L2
C2
L2
R-746.5
Output
Input
L1
C4
C1
C3
L2
C2
L2
R-746.5
INNOLINE
DC/DC-Converter
EMC EN55022 Filter Suggestion
R-7xxxP_D
Series
I-58
www.recom-power.com
REV: 2/2016
Package Style and Pinning (mm)
Pin Connections
Pin #
Name
Description
1
ON / OFF
Input pin : Active low (less than 0.8V) to disable the device
2, 3, 4
Vin
Power input
5, 6, 7, 8
GND
Input and output ground (common)
9 , 10, 11
Vout
Power output
12
Vout-Adj
With external resistors R1,R2 to selected output voltage
Bottom
View
1 2 3 4 5 6 7 8 9
2.54
0.70
4.00
15.00
32.2
10 11 12
2.13
9.1
0.20
Bottom
View
4.0
0.70
0.7
1 2 3 4 5 6 7 8 9
2.54
0.70
15.00
32.2
10 11 12
9.1
0.20
RECOM
R- 723.3P
RECOM
R- 723.3D
2.13
MAX 17.00
Front
(Label)
Front
(Label)
SIP12 PIN Package
Tolerance: xx.x
±0.5mm
xx.xx
±0.25mm
Class A
Class B
Vin= 24VDC
Vin= 24VDC
C1 and C2
L2
33μF
0.45mH CMC
L1
L2
2mH
0.45mH CMC
C1 and C2
C3
C3
C4
33μF
10μF
10μF
1NF/2kV


Podobny numer części - R-746.5P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-746.5P RECOM-R-746.5P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R-746.5P RECOM-R-746.5P Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

Podobny opis - R-746.5P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505EH30 PEAK-PZ8GG-0505EH30 Datasheet
179Kb / 2P
   PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com