Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESW277M063AM8 Arkusz danych(PDF) 10 Page - Kemet Corporation

Numer części ESW277M063AM8
Szczegółowy opis  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW277M063AM8 Arkusz danych(HTML) 10 Page - Kemet Corporation

Back Button ESW277M063AM8 Datasheet HTML 6Page - Kemet Corporation ESW277M063AM8 Datasheet HTML 7Page - Kemet Corporation ESW277M063AM8 Datasheet HTML 8Page - Kemet Corporation ESW277M063AM8 Datasheet HTML 9Page - Kemet Corporation ESW277M063AM8 Datasheet HTML 10Page - Kemet Corporation ESW277M063AM8 Datasheet HTML 11Page - Kemet Corporation ESW277M063AM8 Datasheet HTML 12Page - Kemet Corporation ESW277M063AM8 Datasheet HTML 13Page - Kemet Corporation ESW277M063AM8 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
VDC
VDC
Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)1
Z
100 kHZ
20ºC (Ω)
RC
100 kHz
105°C (mA)
LC 20ºC
2 Minutes
(µA)
Part Number
100
125
56
8 x 20
8
0.330
362
56.0
ESW566M100AG6(1)
100
125
68
10 x 16
8
0.310
357
68.0
ESW686M100AH8(1)
100
125
82
10 x 20
8
0.210
466
82.0
ESW826M100AH4(1)
100
125
82
13 x 16
8
0.230
466
82.0
ESW826M100AL2(1)
100
125
100
10 x 25
8
0.200
531
100.0
ESW107M100AH5(1)
100
125
120
10 x 30
8
0.150
663
120.0
ESW127M100AH6(1)
100
125
120
13 x 20
8
0.160
690
120.0
ESW127M100AL3(1)
100
125
150
16 x 16
8
0.140
795
150.0
ESW157M100AM8(1)
100
125
180
13 x 25
8
0.120
784
180.0
ESW187M100AL4(1)
100
125
180
18 x 16
8
0.120
920
180.0
ESW187M100AN6(1)
100
125
220
13 x 30
8
0.100
905
220.0
ESW227M100AL8(1)
100
125
220
16 x 20
8
0.091
1040
220.0
ESW227M100AM5(1)
100
125
270
13 x 35
8
0.083
1050
270.0
ESW277M100AL6(1)
100
125
270
16 x 25
8
0.073
1250
270.0
ESW277M100AM7(1)
100
125
330
13 x 40
8
0.071
1180
330.0
ESW337M100AL7(1)
100
125
330
18 x 20
8
0.080
1240
330.0
ESW337M100AN4(1)
100
125
390
16 x 32
8
0.054
1570
390.0
ESW397M100AM2(1)
100
125
390
18 x 25
8
0.057
1490
390.0
ESW397M100AN5(1)
100
125
470
16 x 36
8
0.045
1790
470.0
ESW477M100AM3(1)
100
125
470
18 x 32
8
0.047
1630
470.0
ESW477M100AN1(1)
100
125
560
16 x 40
8
0.040
2020
560.0
ESW567M100AM4(1)
100
125
680
18 x 36
8
0.040
1790
680.0
ESW687M100AN2(1)
100
125
820
18 x 40
8
0.036
2330
820.0
ESW827M100AN3(1)
VDC VDC Surge
Rated
Capacitance
Case Size
DF
Z
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
1
When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
* Dimension is down size, Endurance will be less 1,000 hours than standard.


Podobny numer części - ESW277M063AM8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ESW KEMET-ESW Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Baumer IVO GmbH & Co. K...
ESW-05S IVO-ESW-05S Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0200 IVO-ESW-05SP0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0500 IVO-ESW-05SP0500 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-08SH0200 IVO-ESW-08SH0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

Podobny opis - ESW277M063AM8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com