Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1020LCV Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części DAC1020LCV
Szczegółowy opis  10-Bit, 12-Bit Binary Multiplying D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1020LCV Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

Back Button DAC1020LCV Datasheet HTML 2Page - National Semiconductor (TI) DAC1020LCV Datasheet HTML 3Page - National Semiconductor (TI) DAC1020LCV Datasheet HTML 4Page - National Semiconductor (TI) DAC1020LCV Datasheet HTML 5Page - National Semiconductor (TI) DAC1020LCV Datasheet HTML 6Page - National Semiconductor (TI) DAC1020LCV Datasheet HTML 7Page - National Semiconductor (TI) DAC1020LCV Datasheet HTML 8Page - National Semiconductor (TI) DAC1020LCV Datasheet HTML 9Page - National Semiconductor (TI) DAC1020LCV Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Applications (Continued)
TLH5689 – 5
VOUT ebVREF
A12aA24a  a A10
1024
b
1
1024
J
where AN ea1ifAN input is high
AN eb1ifAN input is low
COMPLEMENTARY OFFSET BINARY
(BIPOLAR) OPERATION
DIGITAL INPUT
VOUT
0000000000
a
VREF
0000000001 VREF c 10221024
0111111111
VREF c 21024
1000000000
0
1000000001
b
VREF c 21024
1111111111 bVREF (10221024)
Note that
 IOUT 1 a IOUT 2 e
VREF
RLADDER
c
1023
1024
J
 By doubling the output range we get half the
resolution
 The 10M resistor adds a 1 LSB ‘‘thump’’ to
allow full offset binary operation where the out-
put reaches zero for the half-scale code If
symmetrical output excursions are required
omit the 10M resistor
FIGURE 7 Bipolar 4-Quadrant Multiplying Configuration
Operational Amplifiers VOS Adjust (Figure 7 )
a)
Switch all the digital inputs high adjust the VOS potenti-
ometer of op amp B to bring its output to a value equal
tob(VREF 1024) (V)
b)
Switch the MSB high and the remaining digital inputs
low Adjust the VOS potentiometer of op amp A to bring
its output value to withina1mV from ground potential
For VREF k 10V a finer adjust is necessary as already
mentioned in the previous application
Gain Adjust (Full-Scale Adjust)
Assuming that the external 10k resistors are matched to
better than 01% the gain adjust of the circuit is the same
with the one previously discussed
TLH5689 – 6
TRUE OFFSET BINARY OPERATION
DIGITAL INPUT
VOUT
1111111111VREF c 10221024
1000000000
0
0000000000
b
VREF
ts e 18 ms
use LM336 for a voltage reference
FIGURE 8 Bipolar Configuration with a Single Op Amp
 R4 e (2AVb b 1) R
R2
R1
e
AVb
AVb b 1
R3 a R1
llR2 e R AVb e
VOUT(PEAK)
VREF
R e 20k

Example VREF e 2V VOUT (swing) j g10V AVb e 5V
Then R4 e 9R R1 e 08 R2 If R1 e 02R then R2 e 025R
R3 e 064R
FIGURE 9 Bipolar Configuration with
Increased Output Swing
http
www nationalcom
6


Podobny numer części - DAC1020LCV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC1020 TI1-DAC1020 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
DAC1020 TI1-DAC1020_11 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
More results

Podobny opis - DAC1020LCV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
logo
Texas Instruments
DAC1020 TI1-DAC1020_11 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
   12-Bit, Multiplying D/A Converter
August 1997
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
NEC
UPD7002 NEC-UPD7002 Datasheet
139Kb / 4P
   12-Bit Binary A/D Converter
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com