Zakładka z wyszukiwarką danych komponentów |
|
54LS192 Arkusz danych(PDF) 1 Page - National Semiconductor (TI) |
|
|
54LS192 Arkusz danych(HTML) 1 Page - National Semiconductor (TI) |
1 / 8 page TLF10178 May 1992 54LS192DM74LS192 UpDown Decade Counter with Separate UpDown Clocks General Description The ’LS192 is an updown BCD decade (8421) counter Separate Count Up and Count Down Clocks are used and in either counting mode the circuits operate synchronously The outputs change state synchronous with the LOW-to- HIGH transitions on the clock inputs Separate Terminal Count Up and Terminal Count Down out- puts are provided which are used as the clocks for a subse- quent stage without extra logic thus simplifying multistage counter designs Individual preset inputs allow the circuits to be used as programmable counters Both the Parallel Load (PL) and the Master Reset (MR) inputs asynchronously override the clocks Connection Diagram Dual-In-Line Package TLF10178 – 1 Order Number 54LS192DMQB 54LS192FMQB 54LS192LMQB DM74LS192M or DM74LS192N See NS Package Number E20A J16A M16A N16E or W16A Logic Symbol TLF10178 – 2 VCC e Pin 16 GND e Pin 8 Pin Names Description CPU Count Up Clock Input (Active Rising Edge) CPD Count Down Clock Input (Active Rising Edge) MR Asynchronous Master Reset Input (Active HIGH) PL Asynchronous Parallel Load Input (Active LOW) P0 – P3 Parallel Data Inputs Q0 – Q3 Flip-Flop Outputs TCD Terminal Count Down (Borrow) Output (Active LOW) TCU Terminal Count Up (Carry) Output (Active LOW) Mode Select Table MR PL CPU CPD Mode H X X X Reset (Asyn) L L X X Preset (Asyn) L H H H No Change LH L H Count Up LH H L Count Down H e HIGH Voltage Level L e LOW Voltage Level X e Immaterial C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Podobny numer części - 54LS192 |
|
Podobny opis - 54LS192 |