Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1112YDWF24 Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części CS1112YDWF24
Szczegółowy opis  Quad Power Output Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1112YDWF24 Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button CS1112YDWF24 Datasheet HTML 4Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 5Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 6Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 7Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 8Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 9Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 10Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 11Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CS1112
http://onsemi.com
10
PACKAGE DIMENSIONS
SO–24L
DW SUFFIX
CASE 751E–04
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
–A–
–B–
P
12X
D
24X
12
13
24
1
M
0.010 (0.25)
B M
S
A
M
0.010 (0.25)
B S
T
–T–
G
22X
SEATING
PLANE
K
C
R X 45
_
M
F
J
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
15.25
15.54
0.601
0.612
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.41
0.90
0.016
0.035
G
1.27 BSC
0.050 BSC
J
0.23
0.32
0.009
0.013
K
0.13
0.29
0.005
0.011
M
0
8
0
8
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
_
_
_
_
PACKAGE THERMAL DATA
Parameter
SO–24L
Unit
RΘJC
Typical
9
°C/W
RΘJA
Typical
55
°C/W


Podobny numer części - CS1112YDWF24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CIT Relay & Switch
CS1110 CIT-CS1110 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
CS1110A2.0 CIT-CS1110A2.0 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
CS1110A2.3 CIT-CS1110A2.3 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
CS1110A2.5 CIT-CS1110A2.5 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
CS1110A3.1 CIT-CS1110A3.1 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
More results

Podobny opis - CS1112YDWF24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT3476 LINER-LT3476 Datasheet
189Kb / 12P
   High Current Quad Output LED Driver
LT3476 LINER-LT3476_15 Datasheet
244Kb / 14P
   High Current Quad Output LED Driver
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
   Low Power Quad Driver
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
   PROTECTED QUAD POWER DRIVER
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
   Low Power Quad Driver
logo
Allegro MicroSystems
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
   QUAD DARLINGTON POWER DRIVER
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
   PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
   PROTECTED QUAD POWER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com