Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACT251 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części 54ACT251
Szczegółowy opis  8-Input Multiplexer with TRI-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT251 Arkusz danych(HTML) 7 Page - Texas Instruments

  54ACT251 Datasheet HTML 1Page - Texas Instruments 54ACT251 Datasheet HTML 2Page - Texas Instruments 54ACT251 Datasheet HTML 3Page - Texas Instruments 54ACT251 Datasheet HTML 4Page - Texas Instruments 54ACT251 Datasheet HTML 5Page - Texas Instruments 54ACT251 Datasheet HTML 6Page - Texas Instruments 54ACT251 Datasheet HTML 7Page - Texas Instruments 54ACT251 Datasheet HTML 8Page - Texas Instruments 54ACT251 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
OBSOLETE
54AC251, 54ACT251
www.ti.com
SNOS100B – AUGUST 1998 – REVISED APRIL 2013
AC ELECTRICAL CHARACTERISTICS (continued)
54ACT
TA = −55°C
VCC
Symbol
Parameter
to +125°C
Units
(V) (1)
CL = 50 pF
Min
Max
tPHZ
Output Disable Time OE to Z or Z
5.0
1.0
12.5
ns
tPLZ
Output Disable Time OE to Z or Z
5.0
1.0
8.5
ns
CAPACITANCE
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
70.0
pF
VCC = 5.0V
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: 54AC251 54ACT251


Podobny numer części - 54ACT251

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACT251D NSC-54ACT251D Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
54ACT251F NSC-54ACT251F Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
54ACT251L NSC-54ACT251L Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
More results

Podobny opis - 54ACT251

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F251A TI1-54F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
   8-input multiplexer with 3-state output
January 1995
logo
Fairchild Semiconductor
74ACT251SCX FAIRCHILD-74ACT251SCX Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251 FAIRCHILD-74AC251 Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com