Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACT244-N Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części 54ACT244-N
Szczegółowy opis  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT244-N Arkusz danych(HTML) 4 Page - Texas Instruments

  54ACT244-N Datasheet HTML 1Page - Texas Instruments 54ACT244-N Datasheet HTML 2Page - Texas Instruments 54ACT244-N Datasheet HTML 3Page - Texas Instruments 54ACT244-N Datasheet HTML 4Page - Texas Instruments 54ACT244-N Datasheet HTML 5Page - Texas Instruments 54ACT244-N Datasheet HTML 6Page - Texas Instruments 54ACT244-N Datasheet HTML 7Page - Texas Instruments 54ACT244-N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OBSOLETE
54AC244-N, 54ACT244-N
SNOS098C – AUGUST 1998 – REVISED APRIL 2013
www.ti.com
DC CHARACTERISTICS FOR 'AC FAMILY DEVICES
54AC
Symbol
Parameter
VCC
TA =
Units
Conditions
(V)
−55°C to +125°C
Specified Limits
VIH
Minimum High
3.0
2.1
VOUT = 0.1V
Level Input
4.5
3.15
V
or VCC − 0.1V
Voltage
5.5
3.85
VIL
Maximum Low
3.0
0.9
VOUT = 0.1V
Level Input
4.5
1.35
V
or VCC − 0.1V
Voltage
5.5
1.65
VOH
Minimum High
3.0
2.9
IOUT = −50 μA
Level Output
4.5
4.4
V
Voltage
5.5
5.4
See(1)
VIN = VIL or VIH
3.0
2.4
−12 mA
4.5
3.7
V
IOH
−24 mA
5.5
4.7
−24 mA
VOL
Maximum Low
3.0
0.1
IOUT = 50 μA
Level Output
4.5
0.1
V
Voltage
5.5
0.1
See(1)
VIN = VIL or VIH
3.0
0.50
12 mA
4.5
0.50
V
IOL
24 mA
5.5
0.50
24 mA
IIN
Maximum Input
5.5
±1.0
μA
VI = VCC, GND
Leakage Current
IOZ
Maximum
VI (OE) = VIL, VIH
TRI-STATE
5.5
±5.0
μA
VI = VCC, VGND
Current
VO = VCC, GND
IOLD
See(2)
Minimum Dynamic
5.5
50
mA
VOLD = 1.65V Max
IOHD
Output Current
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
VIN = VCC or GND
5.5
80.0
μA
Supply Current
(1)
All outputs loaded; thresholds on input associated with output under test.
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54AC244-N 54ACT244-N


Podobny numer części - 54ACT244-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACT244 NSC-54ACT244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ACT244 TI1-54ACT244 Datasheet
275Kb / 10P
[Old version datasheet]   54AC244/54ACT244 Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Silicon Supplies
54ACT244 SS-54ACT244 Datasheet
461Kb / 6P
   Advanced CMOS TTL Input
54ACT244 SS-54ACT244 Datasheet
460Kb / 6P
   Advanced CMOS TTL Input
logo
National Semiconductor ...
54ACT244D NSC-54ACT244D Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Podobny opis - 54ACT244-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com