Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACT175 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części 54ACT175
Szczegółowy opis  Quad D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT175 Arkusz danych(HTML) 5 Page - Texas Instruments

  54ACT175 Datasheet HTML 1Page - Texas Instruments 54ACT175 Datasheet HTML 2Page - Texas Instruments 54ACT175 Datasheet HTML 3Page - Texas Instruments 54ACT175 Datasheet HTML 4Page - Texas Instruments 54ACT175 Datasheet HTML 5Page - Texas Instruments 54ACT175 Datasheet HTML 6Page - Texas Instruments 54ACT175 Datasheet HTML 7Page - Texas Instruments 54ACT175 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OBSOLETE
54AC175, 54ACT175
www.ti.com
SNOS094B – AUGUST 1998 – REVISED APRIL 2013
DC CHARACTERISTICS FOR 'ACT FAMILY DEVICES (continued)
54ACT
Symbol
Parameter
VCC
TA = −55°C to +125°C
Units
Conditions
(V)
Specified Limits
VOL
Maximum Low Level
4.5
0.1
V
IOUT = 50 μA
Output Voltage
5.5
0.1
See(1)
VIN = VIL or VIH
4.5
0.50
V
IOL = 24 mA
5.5
0.50
IOL = 24 mA
IIN
Maximum Input
5.5
±1.0
μA
VI = VCC, GND
Leakage Current
ICCT
Maximum
5.5
1.6
mA
VI = VCC − 2.1V
ICC/Input
IOLD
See(2)
5.5
50
mA
VOLD = 1.65V Max
Minimum Dynamic
IOHD
Output Current
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
160.0
μA
VIN = VCC
Supply Current
or GND
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
AC ELECTRICAL CHARACTERISTICS
54AC
VCC
TA = −55°C to +125°C
Fig.
Symbol
Parameter
Units
(V)(1)
CL = 50 pF
No.
Min
Max
fmax
Maximum Clock
3.3
95
MHz
Frequency
5.0
95
tPLH
Propagation Delay
3.3
1.0
14.5
ns
CP to Qn or Qn
5.0
1.5
10.5
tPHL
Propagation Delay
3.3
1.0
15.0
ns
CP to Qn or Qn
5.0
1.5
11.5
tPLH
Propagation Delay
3.3
1.0
15.0
ns
MR to Qn
5.0
1.5
11.0
tPHL
Propagation Delay
3.3
1.0
13.5
ns
MR to Qn
5.0
1.5
10.5
(1)
Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V.
AC OPERATING REQUIREMENTS
54AC
VCC
TA = −55°C to +125°C
Fig.
Symbol
Parameter
Units
(V)(1)
CL = 50 pF
No.
Specified Minimum
ts
Setup Time, HIGH or LOW
3.3
5.0
ns
Dn to CP
5.0
3.5
th
Hold Time, HIGH or LOW
3.3
2.0
ns
Dn to CP
5.0
2.5
(1)
Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: 54AC175 54ACT175


Podobny numer części - 54ACT175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACT175D NSC-54ACT175D Datasheet
141Kb / 8P
   Quad D Flip-Flop
54ACT175F NSC-54ACT175F Datasheet
141Kb / 8P
   Quad D Flip-Flop
54ACT175L NSC-54ACT175L Datasheet
141Kb / 8P
   Quad D Flip-Flop
More results

Podobny opis - 54ACT175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
NXP Semiconductors
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
logo
National Semiconductor ...
MM54C175 NSC-MM54C175 Datasheet
114Kb / 6P
   Quad D Flip-Flop
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
   Quad D Flip-Flop
logo
NXP Semiconductors
74ALS175 PHILIPS-74ALS175 Datasheet
99Kb / 8P
   Quad D flip-flop
1991 Feb 08
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com