Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC11153D Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74AC11153D
Szczegółowy opis  DUAL 1-OF-4 DATA SELECTOR/MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11153D Arkusz danych(HTML) 1 Page - Texas Instruments

  74AC11153D Datasheet HTML 1Page - Texas Instruments 74AC11153D Datasheet HTML 2Page - Texas Instruments 74AC11153D Datasheet HTML 3Page - Texas Instruments 74AC11153D Datasheet HTML 4Page - Texas Instruments 74AC11153D Datasheet HTML 5Page - Texas Instruments 74AC11153D Datasheet HTML 6Page - Texas Instruments 74AC11153D Datasheet HTML 7Page - Texas Instruments 74AC11153D Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74AC11153
DUAL 1OF4 DATA SELECTOR/MULTIPLEXER
SCAS117A − JUNE 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
1993, Texas Instruments Incorporated
2−1
Permits Multiplexing From N Lines to
1 Line
Performs Parallel-to-Serial Conversion
Strobe (Enable) Line Provided for
Cascading (N Lines to N Lines)
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This data selector/multiplexer contains inverters and drivers to supply full binary decoding data selection to the
AND-OR gates. Separate strobe inputs (G) are provided for each of the two four-line sections.
The 74AC11153 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
STROBE
OUTPUT
SELECT
DATA
STROBE
G
OUTPUT
Y
B
A
C0
C1
C2
C3
G
Y
X
X
X
X
X
X
H
L
L
LL
XX
X
L
L
L
LH
XX
X
L
H
L
HX
LX
X
L
L
L
HX
HX
X
L
H
H
LX
XL
X
L
L
H
LX
XH
X
L
H
H
HX
XX
L
L
L
H
H
X
X
X
H
L
H
H = high level, L = low level, X = irrelevant
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
1Y
GND
2Y
1G
2G
2C3
1C0
1C1
1C2
1C3
VCC
2C0
2C1
2C2
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Podobny numer części - 74AC11153D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AC11153D PHILIPS-74AC11153D Datasheet
152Kb / 6P
   DUAL 4 INPUT MULTIPLEXER
October 17 1990
More results

Podobny opis - 74AC11153D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11153 TI1-74ACT11153 Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 1 OF 4 DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS153SJX FAIRCHILD-DM74ALS153SJX Datasheet
72Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS153 FAIRCHILD-DM74ALS153 Datasheet
66Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74S253 FAIRCHILD-DM74S253 Datasheet
49Kb / 4P
   Dual 3-STATE 1-of-4 Line Data Selector/Multiplexer
DM74ALS253 FAIRCHILD-DM74ALS253 Datasheet
54Kb / 5P
   3-STATE Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74LS152 RENESAS-HD74LS152 Datasheet
157Kb / 6P
   1-of-8 Data Selector / Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com