Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC11157 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74AC11157
Szczegółowy opis  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11157 Arkusz danych(HTML) 1 Page - Texas Instruments

  74AC11157_10 Datasheet HTML 1Page - Texas Instruments 74AC11157_10 Datasheet HTML 2Page - Texas Instruments 74AC11157_10 Datasheet HTML 3Page - Texas Instruments 74AC11157_10 Datasheet HTML 4Page - Texas Instruments 74AC11157_10 Datasheet HTML 5Page - Texas Instruments 74AC11157_10 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74AC11157
QUADRUPLE 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
SCAS183 − D2957, JULY 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
1993, Texas Instruments Incorporated
2−1
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Pin Configurations
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This data selector/multiplexer contains inverters
and drivers to supply full data selection to the four
output gates. A separate strobe (G) input is
provided. A 4-bit word is selected from one of two
sources and is routed to the four outputs. The
74AC11157 provides true data.
The 74AC11157 is characterized for operation
from −40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
G
A/B
A
B
OUTPUT
Y
H
X
X
X
L
L
LL
X
L
L
LH
X
H
L
HX
L
L
L
H
X
H
H
logic symbol
G
MUX
20
1A
1
19
1B
EN
10
G1
1
1Y
2
18
2A
17
2B
2Y
3
14
3A
13
3B
3Y
8
12
4A
11
4B
4Y
9
A/B
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A/B
1Y
2Y
GND
GND
GND
GND
3Y
4Y
G
1A
1B
2A
2B
VCC
VCC
3A
3B
4A
4B
DW OR N PACKAGE
(TOP VIEW)
4Y
3Y
2Y
1Y
9
8
3
2
A/B
G
4B
4A
3B
3A
2B
2A
1B
1A
1
10
11
12
13
14
17
18
19
20
logic diagram (positive logic)
EPIC is a trademark of Texas Instruments Incorporated.


Podobny numer części - 74AC11157_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AC11157D PHILIPS-74AC11157D Datasheet
145Kb / 6P
   QUAD 2 INPUT MULTIPLEXER
October 17 1990
logo
Texas Instruments
74AC11157DW TI-74AC11157DW Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157DWR TI-74AC11157DWR Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
NXP Semiconductors
74AC11157N PHILIPS-74AC11157N Datasheet
145Kb / 6P
   QUAD 2 INPUT MULTIPLEXER
October 17 1990
More results

Podobny opis - 74AC11157_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157M TI1-CD74ACT157M Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A TI-SN74LVC157A Datasheet
124Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157_15 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR / MULTIPLEXER
logo
Texas Instruments
74ACT11157 TI1-74ACT11157 Datasheet
81Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI1-SN74LVC157A-Q1_15 Datasheet
795Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com