Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADCS7476 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADCS7476
Szczegółowy opis  8-Bit A/D Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7476 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADCS7476 Datasheet HTML 3Page - Texas Instruments ADCS7476 Datasheet HTML 4Page - Texas Instruments ADCS7476 Datasheet HTML 5Page - Texas Instruments ADCS7476 Datasheet HTML 6Page - Texas Instruments ADCS7476 Datasheet HTML 7Page - Texas Instruments ADCS7476 Datasheet HTML 8Page - Texas Instruments ADCS7476 Datasheet HTML 9Page - Texas Instruments ADCS7476 Datasheet HTML 10Page - Texas Instruments ADCS7476 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192G – APRIL 2003 – REVISED MAY 2016
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Electrical Characteristics – ADCS7477 (continued)
TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IMD
Intermodulation distortion,
second order terms
fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
Intermodulation distortion,
third order terms
fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
FPBW
–3-dB full power bandwidth
5-V supply
11
MHz
3-V supply
8
MHz
POWER SUPPLY CHARACTERISTICS
IDD
Normal mode (static)
VDD = 4.75 V to 5.25 V, SCLK On or Off
2
mA
VDD = 2.7 V to 3.6 V, SCLK On or Off
1
mA
Normal mode (operational)
VDD = 4.75 V to 5.25 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mA
–40°C
≤ TA ≤ 85°C
3.5
VDD = 2.7 V to 3.6 V,
fSAMPLE = 1 MSPS
TA = 25°C
0.6
mA
–40°C
≤ TA ≤ 85°C
1.6
Shutdown mode
VDD = 5 V, SCLK Off
0.5
µA
VDD = 5 V, SCLK On
60
PD
Power consumption,
normal mode (operational)
VDD = 5 V,
fSAMPLE = 1 MSPS
TA = 25°C
10
mW
–40°C
≤ TA ≤ 85°C
17.5
VDD = 3 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mW
–40°C
≤ TA ≤ 85°C
4.8
Power consumption,
shutdown mode
VDD = 5 V, SCLK Off
2.5
µW
VDD = 3 V, SCLK Off
1.5
ANALOG INPUT CHARACTERISTICS
VIN
Input range
0 to VDD
V
IDCL
DC leakage current
TA = −40°C to 85°C
±1
µA
CINA
Analog input capacitance
30
pF
DIGITAL INPUT CHARACTERISTICS
VIH
Input high voltage
TA = −40°C to 85°C
2.4
V
VIL
Input low voltage
VDD = 5 V, –40°C ≤ TA ≤ 85°C
0.8
V
VDD = 3 V, –40°C ≤ TA ≤ 85°C
0.4
V
IIN
Input current
VIN = 0 V or VDD
TA = 25°C
±10
nA
–40°C
≤ TA ≤ 85°C
±1
µA
CIND
Digital input capacitance
TA = 25°C
2
pF
–40°C
≤ TA ≤ 85°C
4
DIGITAL OUTPUT CHARACTERISTICS
VOH
Output high voltage
ISOURCE = 200 µA, VDD = 2.7 V to 5.25 V,
–40°C
≤ TA ≤ 85°C
VDD – 0.2
V
VOL
Output low voltage
ISINK = 200 µA, –40°C ≤ TA ≤ 85°C
0.4
V
IOL
TRI-STATE leakage current
–40°C
≤ TA ≤ 85°C
±10
µA
COUT
TRI-STATE output capacitance
TA = 25°C
2
pF
–40°C
≤ TA ≤ 85°C
4
Output coding
Straight (natural) binary
AC ELECTRICAL CHARACTERISTICS
fSCLK
Clock frequency
–40°C
≤ TA ≤ 85°C
20
MHz
DC
SCLK duty cycle
–40°C
≤ TA ≤ 85°C
40%
60%
tTH
Track or hold acquisition time
–40°C
≤ TA ≤ 85°C
400
ns
fRATE
Throughput rate
–40°C
≤ TA ≤ 85°C
1
MSPS
tAD
Aperture delay
3
ns


Podobny numer części - ADCS7476

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7476 NSC-ADCS7476 Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 30P
[Old version datasheet]   ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
logo
National Semiconductor ...
ADCS7476AIMF NSC-ADCS7476AIMF Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7476AIMF NSC-ADCS7476AIMF Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
More results

Podobny opis - ADCS7476

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
   8-Bit D/A Converters
logo
API Technologies Corp
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
Integrated Circuit Syst...
MN5120 ICST-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
195Kb / 10P
   8-Bit D/A Converters
January 1995
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
99Kb / 9P
   8-Bit, Multiplying D/A Converters
August 1997
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
API Technologies Corp
MN3000 APITECH-MN3000 Datasheet
1Mb / 4P
   High-accuracy 8-bit D/A Converters
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com